Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSS5XSMAB01X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # DSS5XSMAB01X
Description  D-SUB FEMALE 50pos. SOLDER CUP with frame and float mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

DSS5XSMAB01X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  DSS5XSMAB01X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
( 5 : 1 )
Z ( 5 : 1 )
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
DSS5XSMoB01X CONEC ABC
Z
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
16K1A2837
A3
1
D-SUB FEMALE
SEE NOTES
Lehmenkühler
16.06.11
17.06.11
Fischer
50pos. SOLDER CUP
with frame and float mount
2:1 (5:1)
DSS5XSM B01X
a
Original
1 x b
Ä5047
14.01.2014 Lehm.
NOTES:
1. METALSHELLS: STEEL; min. 315µin TIN over 40-80µin NICKEL
2. INSULATORS: PBT GF UL 94 V-0; BLACK
3. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD A for GOLD FLASH over NICKEL
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
SOLDER CUP ACCEPTS CABLE AWG 20
4. FRAME: STEEL; NICKEL PLATED
5. FLOAT MOUNTS: COPPER ALLOY; NICKEL PLATED
6. RIVETED INSERTS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
7. COLLARS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
8. CONNECTOR IS PART MARKED: DSS5XSMoB01X CONEC ABC (see note 3)
b
52,5 - 0,2
0,05
+
76,4 `0,2
10°
SEE NOTE 8
1,16
n
(50x)
10,82 - 0,2
0,05
+
3 - 0
0,05
+
n
4 - 0,05
0
+
n
4,8 - 0
0,1
+
n
RADIUS MOVEMENT
0.8-0.95mm
85,14 `0,3
Directive 2002/95/EC RoHS compliant
61,11
- 0,12
0,13
+
3,2
n
- 0
0,2
+
o
(see note 3)


Similar Part No. - DSS5XSMAB01X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DSS5XSXXA01X CONEC-DSS5XSXXA01X Datasheet
871Kb / 1P
D-SUB FEMALE 50pos. CRIMP STYLE with frame and float mount
24.08.05
DSS5XSXXB01X CONEC-DSS5XSXXB01X Datasheet
871Kb / 1P
D-SUB FEMALE 50pos. CRIMP STYLE with frame and float mount
24.08.05
DSS5XSXXC01X CONEC-DSS5XSXXC01X Datasheet
871Kb / 1P
D-SUB FEMALE 50pos. CRIMP STYLE with frame and float mount
24.08.05
DSS5XSXXG03X CONEC-DSS5XSXXG03X Datasheet
214Kb / 1P
D-SUB FEMALE 50pos. CRIMP STYLE with threaded insert
04.09.14
DSS5XSXXG04X CONEC-DSS5XSXXG04X Datasheet
46Kb / 1P
D-SUB FEMALE 50pos. CRIMP STYLE with threaded insert
14.10.2011
More results

Similar Description - DSS5XSMAB01X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DSS1XPMAB01X CONEC-DSS1XPMAB01X Datasheet
482Kb / 1P
D-SUB MALE 9pos. SOLDER CUP with frame and float mount
11.04.06
DSS1XSMAB01X CONEC-DSS1XSMAB01X Datasheet
486Kb / 1P
D-SUB FEMALE 9pos. SOLDER CUP with frame and float mount
28.05.08
DSS2XSMAB01X CONEC-DSS2XSMAB01X Datasheet
601Kb / 1P
D-SUB FEMALE 15pos. SOLDER CUP with frame and float mount
13.01.2014
DSS3XSMAB01X CONEC-DSS3XSMAB01X Datasheet
792Kb / 1P
D-SUB FEMALE 25pos. SOLDER CUP with frame and float mount
23.04.09
DSS4XPMAB01X CONEC-DSS4XPMAB01X Datasheet
971Kb / 1P
D-SUB MALE 37pos. SOLDER CUP with frame and float mount
22.10.03
DSS4XSMAB01X CONEC-DSS4XSMAB01X Datasheet
974Kb / 1P
D-SUB FEMALE 37pos. SOLDER CUP with frame and float mount
07.11.03
DSS5XPMAB01X CONEC-DSS5XPMAB01X Datasheet
1Mb / 1P
D-SUB MALE 50pos. SOLDER CUP with frame and float mount
11.08.06
DSS5XSXXB01X CONEC-DSS5XSXXB01X Datasheet
871Kb / 1P
D-SUB FEMALE 50pos. CRIMP STYLE with frame and float mount
24.08.05
160X10909X CONEC-160X10909X Datasheet
52Kb / 1P
D-SUB FRAME WITH FLOAT MOUNT 9-50pos.
2001.19.02
160X10929X CONEC-160X10929X Datasheet
52Kb / 1P
D-SUB FRAME WITH FLOAT MOUNT 9-50pos.
2001.19.02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com