Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2001DIE2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STE2001DIE2 Datasheet

  • # Example questions: ➢ What are the default configurations of the ste2001 after a reset pulse is applied?
    ➢ Describe the differences between the mux 65 and mux 33 modes regarding memory access and lcd driver connections.
    ➢ What are the two instruction formats used by the ste2001, and how are they differentiated?

  • Part No.STE2001DIE2
    ManufacturerSTMICROELECTRONICS
    Size342 Kbytes
    Pages36 pages
    Description65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
    Datasheet Summary with AI

    1. Product Overview:

    ️· Name: STE2001
    ️· Status: Preliminary – details subject to change. This means it’s a product still under development.
    ️· Type: Likely a display controller or driver IC, designed to drive LCD panels, specifically with options for different multiplexing ratios.

    2. Display Support & Multiplexing:

    ️· Supported LCDs: The IC is flexible and supports different LCD configurations.
    ️· MUX 65 Mode: This is the default mode. It utilizes all 65 row drivers.
    ️· MUX 33 Mode: This mode is available for driving LCDs with fewer rows, utilizing only banks 4-7. The unused banks (0-3) can be repurposed as column drivers. This is useful for 33x128 displays.
    ️· Addressing Modes: Supports horizontal addressing.
    ️· Row Driver Control: The IC provides control over the output row drivers, allowing for configuration and optimization for different LCD matrices.

    3. Addressing & Memory Access:

    ️· Data/Command (D/C) Pin: A crucial pin used to distinguish between sending commands to the controller and writing data to the display RAM.
    ️· RAM Addressing: The datasheet mentions X and Y pointers, implying a row/column addressing scheme for accessing the display RAM.
    ️· Bank Structure: The RAM is organized into banks (0-8), likely related to the multiplexing ratio and row driver configuration.

    4. Control & Initialization:

    ️· Reset (RES) Pin: Active-low reset pin is essential for initializing the IC to a known state. After a reset, the IC enters a power-down mode.
    ️· Default Configuration: After reset, the IC is set to:
    - Horizontal Addressing (V=0)
    - Normal Instruction Set (H=0)
    - Normal display (MX=MY=TRS=BRS=0)
    - MUX 65 mode (MUX=0)

    5. Instruction Set & Communication:

    ️· The IC uses a command/data scheme communicated via a D/C pin.
    ️· Specific instructions and their formats will be detailed in a table (Table.1).



    Key Takeaways:

    ️· The STE2001 is a versatile display driver IC.
    ️· Its flexibility lies in its support for various multiplexing ratios (MUX 65 and MUX 33) and memory addressing schemes.
    ️· It’s designed for LCDs, allowing for efficient control of row and column drivers.
    ️· The datasheet is incomplete, as it's a preliminary document and details like specific instruction set and timings are missing.

    1. Product Overview:

    ️· Name: STE2001
    ️· Status: Preliminary – details subject to change. This means it’s a product still under development.
    ️· Type: Likely a display controller or driver IC, designed to drive LCD panels, specifically with options for different multiplexing ratios.

    2. Display Support & Multiplexing:

    ️· Supported LCDs: The IC is flexible and supports different LCD configurations.
    ️· MUX 65 Mode: This is the default mode. It utilizes all 65 row drivers.
    ️· MUX 33 Mode: This mode is available for driving LCDs with fewer rows, utilizing only banks 4-7. The unused banks (0-3) can be repurposed as column drivers. This is useful for 33x128 displays.
    ️· Addressing Modes: Supports horizontal addressing.
    ️· Row Driver Control: The IC provides control over the output row drivers, allowing for configuration and optimization for different LCD matrices.

    3. Addressing & Memory Access:

    ️· Data/Command (D/C) Pin: A crucial pin used to distinguish between sending commands to the controller and writing data to the display RAM.
    ️· RAM Addressing: The datasheet mentions X and Y pointers, implying a row/column addressing scheme for accessing the display RAM.
    ️· Bank Structure: The RAM is organized into banks (0-8), likely related to the multiplexing ratio and row driver configuration.

    4. Control & Initialization:

    ️· Reset (RES) Pin: Active-low reset pin is essential for initializing the IC to a known state. After a reset, the IC enters a power-down mode.
    ️· Default Configuration: After reset, the IC is set to:
    - Horizontal Addressing (V=0)
    - Normal Instruction Set (H=0)
    - Normal display (MX=MY=TRS=BRS=0)
    - MUX 65 mode (MUX=0)

    5. Instruction Set & Communication:

    ️· The IC uses a command/data scheme communicated via a D/C pin.
    ️· Specific instructions and their formats will be detailed in a table (Table.1).



    Key Takeaways:

    ️· The STE2001 is a versatile display driver IC.
    ️· Its flexibility lies in its support for various multiplexing ratios (MUX 65 and MUX 33) and memory addressing schemes.
    ️· It’s designed for LCDs, allowing for efficient control of row and column drivers.
    ️· The datasheet is incomplete, as it's a preliminary document and details like specific instruction set and timings are missing.

    Part No.STE2001DIE2
    ManufacturerSTMICROELECTRONICS
    Size342 Kbytes
    Pages36 pages
    Description65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER