Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2001DIE2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STE2001DIE2
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE2 Datasheet(HTML) 4 Page - STMicroelectronics

  STE2001DIE2 Datasheet HTML 1Page - STMicroelectronics STE2001DIE2 Datasheet HTML 2Page - STMicroelectronics STE2001DIE2 Datasheet HTML 3Page - STMicroelectronics STE2001DIE2 Datasheet HTML 4Page - STMicroelectronics STE2001DIE2 Datasheet HTML 5Page - STMicroelectronics STE2001DIE2 Datasheet HTML 6Page - STMicroelectronics STE2001DIE2 Datasheet HTML 7Page - STMicroelectronics STE2001DIE2 Datasheet HTML 8Page - STMicroelectronics STE2001DIE2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
STE2001
4/36
Notes: 1. The maximum possible VLCD voltage that can be generated is dependent on voltage, temperature and (display) load.
2. Internal clock
3. When fsclk = 0 there is no interface clock.
4. Power-down mode. During power-down all static currents are switched-off.
5. If external VLCD, the display load current is not transmitted to IDD
6. Tolerance depends on the temperature; (typically zero at Tamb =27°C), maximum tolerance values are measured at the temper-
ature range limit.
7. For TC0 to TC3
AC OPERATION
(VDD1 = 1.9 to VDD2,3 + 0.5V; VDD2,3 = 2.4 to 4.5 V; Vss1,2= 0V; VLCD = 4.5 to 9V; Tamb =-40 to 85°C; unless otherwise
specified)
I(VDD1,2,3)
Total Supply Current
VLCD = 7.6V; VDD =2.8V;
4x charge pump; fsclk =0; Tamb
=25
°C; no display load; note 3,6
Fosc =0
80
125
µA
I(VLDCIN) External LCD Supply Voltage
Current
VDD =2.8V; VLCD =7.6V;no
display load; fsclk =0;
Tamb =25°C; note 3. Fosc =0
15
25
µA
Logic Inputs
VIL
Logic LOW voltage level
VIN =Vih (tp <10µs)
VSS
0.3
VDD
V
VIH
Logic HIGH Voltage Level
VIN =Vil (tp <10µs)
0.7
VDD
VDD2,3
+0.5
V
Iin
Input Current
Vin =VSS1 or VDD1
-1
1
µA
Column and Row Driver
Rrow
ROW Output Resistance
12
20
kohm
Rcol
Column Output resistance
12
20
kohm
Vcol
Column Bias voltage accuracy
No load
-100
100
mV
Vrow
Row Bias voltage accuracy
-100
100
mV
LCD Supply Voltage
VLCD
LCD Supply Voltage accuracy;
Internally generated
VDD = 2.8V; VLCD = 7.6V;
fsclk=0; Tamb=25 C;
no display load; note 2, 3, 6 & 7
-300
300
mV
TC
Temperature coefficient
00
-550
PPM/
°C
01
-1350
PPM/
°C
10
-1650
PPM/
°C
11
-2650
PPM/
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INTERNAL OSCILLATOR
FOSC
Internal Oscillator frequency
VDD = 2.8V;
20
38
70
kHz
FEXT
External Oscillator frequency
20
38
100
kHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com