Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PJ-A2980 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PJ-A2980 Datasheet

  • # Example questions: ➢ What is the typical power dissipation of this oscillator when operating at 3v?
    ➢ How does the enable/disable function on pin 1 affect the output signal?
    ➢ What is the maximum allowable operating temperature for this pj-a2d00 series oscillator?

  • Part No.PJ-A2980
    ManufacturerNEL
    Size50 Kbytes
    Pages2 pages
    DescriptionCRYSTAL CLOCK OSCILLATORS
    Datasheet Summary with AI

    # PJ-A2D00 Series Crystal Clock Oscillators

    ## Description

    Quartz crystal oscillators providing LVDS compatible signals in a ceramic SMD package. Designed for space-saving and cost-effective timing applications.

    ## Features

    · Frequency Range: 80.0 MHz – 312.5 MHz
    · User-specified tolerance available
    · Space-saving SMD package
    · High shock resistance (up to 1000g)
    · 3.3V operation (other voltages available)
    · Metal lid for EMI reduction
    · Enable/Disable functionality
    · LVDS output on Pin 4, complement on Pin 5
    · Low Jitter (Wavecrest characterization available)
    · High Reliability (NEL HALT/HASS qualified)
    · Overtone technology
    · Proprietary design for high frequencies
    · Gold plated leads
    · RoHS Compliant

    ## Electrical Connection

    Pin | Connection
    ---|---
    1 | Enable/Disable
    2 | N.C.
    3 | Ground
    4 | Output
    5 | Output Complement
    6 | VCC

    ## Electrical Characteristics

    · Frequency: 80.0 MHz – 312.5 MHz
    · Duty Cycle: 45/55% – 55/45%
    · Logic 0 (VOL): 0.80V – 1.10V
    · Logic 1 (VOH): 1.25V – 1.55V
    · Differential Voltage (VOD): 250 mV – 450 mV
    · Disable Voltage: 0.8V
    · Enable Voltage: 2.0V
    · Rise & Fall Time: 0.8 ns – 1.0 ns
    · Tpd (Phase Shift): -0.5 ns – +0.5 ns
    · Jitter (RMS): 3 psec
    · Frequency Stability: -100ppm – +100ppm

    ## General Characteristics

    · Supply Voltage (VCC): 3.135V – 3.465V
    · Supply Current (ICC): 0.0 mA – 80 mA
    · Output Current (IO): -50.0 mA – +50.0 mA
    · Operating Temperature (TA): 0°C – 70°C
    · Storage Temperature (TS): -55°C – 125°C
    · Power Dissipation (PD): 277 mW
    · Start-up Time: 2 ms – 10 ms

    ## Environmental & Mechanical Characteristics

    · Meets MIL-STD shock and thermal shock specifications.
    · Vibration resistance: 0.060" double amplitude (10 Hz – 2000 Hz)
    · Hermetic Seal Leak Rate: Less than 1 x 10<sup>-8</sup> atm.cc/sec

    ## Part Number Creation
    · Creates Part Number: PJ-A2D0X-FREQ
    · Available Options:
    - Package Code: PJ
    - Tolerance/Performance: ±100ppm, ±50ppm, ±25ppm, Customer Specific
    - Input Voltage Code: 3.3V, 2.5V, 5V
    - Temperature Range: 0-70°C, -40 to +85°C

    # PJ-A2D00 Series Crystal Clock Oscillators

    ## Description

    Quartz crystal oscillators providing LVDS compatible signals in a ceramic SMD package. Designed for space-saving and cost-effective timing applications.

    ## Features

    · Frequency Range: 80.0 MHz – 312.5 MHz
    · User-specified tolerance available
    · Space-saving SMD package
    · High shock resistance (up to 1000g)
    · 3.3V operation (other voltages available)
    · Metal lid for EMI reduction
    · Enable/Disable functionality
    · LVDS output on Pin 4, complement on Pin 5
    · Low Jitter (Wavecrest characterization available)
    · High Reliability (NEL HALT/HASS qualified)
    · Overtone technology
    · Proprietary design for high frequencies
    · Gold plated leads
    · RoHS Compliant

    ## Electrical Connection

    Pin | Connection
    ---|---
    1 | Enable/Disable
    2 | N.C.
    3 | Ground
    4 | Output
    5 | Output Complement
    6 | VCC

    ## Electrical Characteristics

    · Frequency: 80.0 MHz – 312.5 MHz
    · Duty Cycle: 45/55% – 55/45%
    · Logic 0 (VOL): 0.80V – 1.10V
    · Logic 1 (VOH): 1.25V – 1.55V
    · Differential Voltage (VOD): 250 mV – 450 mV
    · Disable Voltage: 0.8V
    · Enable Voltage: 2.0V
    · Rise & Fall Time: 0.8 ns – 1.0 ns
    · Tpd (Phase Shift): -0.5 ns – +0.5 ns
    · Jitter (RMS): 3 psec
    · Frequency Stability: -100ppm – +100ppm

    ## General Characteristics

    · Supply Voltage (VCC): 3.135V – 3.465V
    · Supply Current (ICC): 0.0 mA – 80 mA
    · Output Current (IO): -50.0 mA – +50.0 mA
    · Operating Temperature (TA): 0°C – 70°C
    · Storage Temperature (TS): -55°C – 125°C
    · Power Dissipation (PD): 277 mW
    · Start-up Time: 2 ms – 10 ms

    ## Environmental & Mechanical Characteristics

    · Meets MIL-STD shock and thermal shock specifications.
    · Vibration resistance: 0.060" double amplitude (10 Hz – 2000 Hz)
    · Hermetic Seal Leak Rate: Less than 1 x 10<sup>-8</sup> atm.cc/sec

    ## Part Number Creation
    · Creates Part Number: PJ-A2D0X-FREQ
    · Available Options:
    - Package Code: PJ
    - Tolerance/Performance: ±100ppm, ±50ppm, ±25ppm, Customer Specific
    - Input Voltage Code: 3.3V, 2.5V, 5V
    - Temperature Range: 0-70°C, -40 to +85°C

    Part No.PJ-A2980
    ManufacturerNEL
    Size50 Kbytes
    Pages2 pages
    DescriptionCRYSTAL CLOCK OSCILLATORS
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com