Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PJ-A2980 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # PJ-A2980
Description  CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

PJ-A2980 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  PJ-A2980 Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-A2980 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
PJ-A2D00 Series
Continued
LVDS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
80.0MHz
-----
312.5MHz
Duty Cycle
(2)
-----
@ V
O /2
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
0.80V
-----
1.10V
Logic 1
(2)
V
OH
-----
1.25V
-----
1.55V
Differential Voltage
(2)
V
OD
-----
250 mV
-----
450 mV
Disable Voltage
-----
V
EE=0V
-----
-----
0.8V
Enable Voltage
(5)
-----
V
EE=0V
2.0V
-----
-----
Rise & Fall Time
(2)
tr,tf
20-80%V
O
-----
0.8 ns
1.0 ns
Tpd
(4)
-----
-----
-0.5 ns
-----
+0.5 ns
Jitter, RMS
(3)
-----
-----
-----
-----
3 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
3.135V
3.3V
3.465V
Supply Current
I
CC
-----
0.0 mA
-----
80 mA
Output current
I
O
Continuous Output Current
0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
277 mW
Solder temperature
T
L
4 minutes
-----
-----
253°C
Load
100 ohms across differential outputs
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) With Load of 100 ohms across differential outputs.
3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
4) Tpd is phase shift between the falling edge of pin 4 and the rising edge of pin 5.
5) Open to enable pin also enables the output
Rev. J
CRYSTAL CLOCK OSCILLATORS
PJ - A2D0X - FREQ
Package Code
Tolerance/Performance
PJ
6 J Lead SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2. 5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0208E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com