Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-53050 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AMIS-53050 Datasheet

  • # Example questions: ➢ What is the typical receiver current consumption (iin) at 900mhz for the amis-53050-001 version, and how does it compare to the amis-53050-002 version?
    ➢ What is the minimum sensitivity (dbm) of the receiver at a 10khz data rate using ook modulation?
    ➢ What is the transition time (in microseconds) from rx to tx or tx to rx, as specified in the datasheet?

  • Part No.AMIS-53050
    ManufacturerAMI
    Size3Mb
    Pages107 pages
    DescriptionFrequency Agile Transceiver
    Datasheet Summary with AI

    1. General Information & Device Versions

    ️· Device: AMIS-53050 Transceiver
    ️· Versions: Two versions exist:
    - AMIS-53050-001: Includes an internal digital regulator.
    - AMIS-53050-002: Requires an external regulator/capacitor on Pin 22. (SSN/CoreReg)
    ️· Frequency Range: 300MHz - 960MHz (Set by external VCO components & registers)

    2. Operating Conditions

    ️· Supply Voltage (Vdd): 2.2V - 3.3V
    ️· Ambient Temperature (Ta): -40°C to +85°C
    ️· Standby Current (IDDS - Off):
    - 0.2 µA (with all analog cells in power-down mode, logic powered up, no clocks, unloaded, no floating inputs).
    - 0.8 µA (Stand-by mode with crystal oscillator running)
    ️· Core Voltage 3.1 V

    3. Receiver Specifications

    ️· Sensitivity:
    - FSK/GFSK Modulation: -107 dBm to -114 dBm @ 10 kHz data rate.
    - OOK Modulation: -104 dBm to -111 dBm @ 10 kHz data rate.
    ️· Noise Figure: 6.0 dB to 9.0 dB
    ️· Input Intercept Point 2 (IIP2): +60 dBm (measured using RSSI)
    ️· Input Intercept Point 3 (IIP3): +5 dBm (measured using RSSI)
    ️· Image Rejection: 30 dB to 50 dB (Modulated desired, single tone interferer)
    ️· Receiver Input Impedance: (See figure 8)
    ️· RSSI Gain: 16 mV/dB
    ️· Receiver Current Consumption (IIN):
    - AMIS-53050-001: 10 mA to 14 mA @ 900 MHz
    - AMIS-53050-002: 12 mA to 16 mA @ 900 MHz
    ️· Transition Time (Ton): 150 µs (Standby to receive mode)
    ️· TRX_TX/TTX_RX Transition Time: 1500 µs (RX to TX or TX to RX)
    ️· IF Bandwidth: 300 kHz (Fixed)
    ️· LNA Input Trim: 1.2pF - 4pF (Internal Capacitor)
    ️· LNA Output Trim: 0.32pF-0.91pF/2pF (Internal capacitor)

    4. Input/Output (I/O) Characteristics

    ️· Input Voltage Levels (Vil, Vih): Refer to tables 3 and 3.
    ️· Output Voltage Levels (Vol, Voh): Refer to tables 3.
    ️· Input/Output Currents (Iil, Iih, Iol, Ioh): See tables 3 and 3.

    5. ESD Protection

    ️· Human Body Model (HBM): 2.25 kV
    ️· Charged Device Model (CDM): 1000 V
    ️· Machine Model (MM): 175 V

    Important Notes / Considerations:

    ️· External Components: The frequency is determined by external VCO components.
    ️· Capacitor Requirement: The AMIS-53050-002 requires a 100uF capacitor on Pin 22 (SSN/CoreReg)
    ️· Datasheet Limitations: This is an excerpt. The full datasheet would contain more detailed information about registers, power-up sequences, and other features.



    This summary should give you a solid understanding of the key parameters and operating conditions for the AMIS-53050 transceiver based on this portion of the datasheet.

    1. General Information & Device Versions

    ️· Device: AMIS-53050 Transceiver
    ️· Versions: Two versions exist:
    - AMIS-53050-001: Includes an internal digital regulator.
    - AMIS-53050-002: Requires an external regulator/capacitor on Pin 22. (SSN/CoreReg)
    ️· Frequency Range: 300MHz - 960MHz (Set by external VCO components & registers)

    2. Operating Conditions

    ️· Supply Voltage (Vdd): 2.2V - 3.3V
    ️· Ambient Temperature (Ta): -40°C to +85°C
    ️· Standby Current (IDDS - Off):
    - 0.2 µA (with all analog cells in power-down mode, logic powered up, no clocks, unloaded, no floating inputs).
    - 0.8 µA (Stand-by mode with crystal oscillator running)
    ️· Core Voltage 3.1 V

    3. Receiver Specifications

    ️· Sensitivity:
    - FSK/GFSK Modulation: -107 dBm to -114 dBm @ 10 kHz data rate.
    - OOK Modulation: -104 dBm to -111 dBm @ 10 kHz data rate.
    ️· Noise Figure: 6.0 dB to 9.0 dB
    ️· Input Intercept Point 2 (IIP2): +60 dBm (measured using RSSI)
    ️· Input Intercept Point 3 (IIP3): +5 dBm (measured using RSSI)
    ️· Image Rejection: 30 dB to 50 dB (Modulated desired, single tone interferer)
    ️· Receiver Input Impedance: (See figure 8)
    ️· RSSI Gain: 16 mV/dB
    ️· Receiver Current Consumption (IIN):
    - AMIS-53050-001: 10 mA to 14 mA @ 900 MHz
    - AMIS-53050-002: 12 mA to 16 mA @ 900 MHz
    ️· Transition Time (Ton): 150 µs (Standby to receive mode)
    ️· TRX_TX/TTX_RX Transition Time: 1500 µs (RX to TX or TX to RX)
    ️· IF Bandwidth: 300 kHz (Fixed)
    ️· LNA Input Trim: 1.2pF - 4pF (Internal Capacitor)
    ️· LNA Output Trim: 0.32pF-0.91pF/2pF (Internal capacitor)

    4. Input/Output (I/O) Characteristics

    ️· Input Voltage Levels (Vil, Vih): Refer to tables 3 and 3.
    ️· Output Voltage Levels (Vol, Voh): Refer to tables 3.
    ️· Input/Output Currents (Iil, Iih, Iol, Ioh): See tables 3 and 3.

    5. ESD Protection

    ️· Human Body Model (HBM): 2.25 kV
    ️· Charged Device Model (CDM): 1000 V
    ️· Machine Model (MM): 175 V

    Important Notes / Considerations:

    ️· External Components: The frequency is determined by external VCO components.
    ️· Capacitor Requirement: The AMIS-53050-002 requires a 100uF capacitor on Pin 22 (SSN/CoreReg)
    ️· Datasheet Limitations: This is an excerpt. The full datasheet would contain more detailed information about registers, power-up sequences, and other features.



    This summary should give you a solid understanding of the key parameters and operating conditions for the AMIS-53050 transceiver based on this portion of the datasheet.

    Part No.AMIS-53050
    ManufacturerAMI
    Size3Mb
    Pages107 pages
    DescriptionFrequency Agile Transceiver
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com