Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-53050 Datasheet(PDF) 10 Page - AMI SEMICONDUCTOR

Part # AMIS-53050
Description  Frequency Agile Transceiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-53050 Datasheet(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button AMIS-53050 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-53050 Datasheet HTML 14Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
AMIS-53050 Frequency Agile Transceiver
Data Sheet
Table 6: Operational Specifications (Continued)
Parameter
Min.
Typ.
Max.
Units
Comment
Transmitter
Frequency range
300
960
MHz
Ton
150
us
Stand-by to transmit mode transition time
TTX_RX
150
us
Transition time from TX to RX
OOK on/off ratio
60
dB
FSK frequency
separation
0
200
kHz
Allowable transmit/receive peak deviation
-20
15
dBm
Range of output power in the high power mode (dedicated TX port)
CW output power
-25
0
dBm
Range of output power in the low power mode (dedicated TX port)
PHARMONICS
35
dBc
With complete matching network
TX PA
Output cap.
2
7.5
pF
Internal capacitor range for the PA adjustable trim
Output switch R
5
18
On/Off ratio
60
dB
Output harmonics
-35
dBc
With typical 50
Ω matching circuits
Operating current
50
68
mA
15dBm CW
Operating current
12
24
mA
0dBm CW
High
power
12.5
15
17
dBm
MAX
power
Low
power
-1
4.5
5.7
dBm
Matching network for 50
Ω 928MHz high (dedicated TX port)
High
power
13.8
15.5
17
dBm
MAX
power
Low
power
3
4
5
dBm
Matching network for 50
Ω 433MHz high (dedicated TX port)
Crystal Oscillator
Center frequency
24
MHz
Trimmed
Tolerance
20
ppm
Required crystal tolerance
Startup time
50
150
us
Quick Start enabled
Startup time
2
5
ms
Quick Start disabled
Trim cap
0
45
pF
Internal trim capacitor (Self-calibration sets)
Trim resolution
145
160
175
fF
Idd
800
uA
Normal operation
Idd
1.5
mA
During Quick Start
10kHz Oscillator
Output frequency
9.8
10
10.2
kHz
After trimming
Operating current
300
375
450
nA
After trimming
Duty cycle
50
%
ADC
Resolution
8
Bits
FSR
2
V
Full scale input range
Ci
1
pF
Input capacitance
Reference offset
1
%FSR
fclk
0.01
2
MHz
Clock frequency
Conversion rate
150
KSPS
Clock rate = 2MHz
Conversion time
10
Tclk
10
AMI Semiconductor – Jan. 07, M-20639-002
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com