Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHS.1F.308.NLC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PHS.1F.308.NLC Datasheet

  • # Example questions: ➢ What cable jacket diameters are compatible with this connector's cable fixation mechanism?
    ➢ What ip rating does this connector achieve, and what does that signify regarding environmental protection?
    ➢ What is the maximum current that can be safely passed through this connector?

  • Part No.PHS.1F.308.NLC
    ManufacturerLEMO
    Size165 Kbytes
    Pages4 pages
    DescriptionF - Rugged Push-Pull
    Datasheet Summary with AI

    # PHS.1F.308.NLC

    ## Summary

    ️· Part Number: PHS.1F.308.NLC
    ️· Image: Illustrative only
    ️· Number of Contacts: 8 (Low Voltage)
    ️· Wire Size/AWG: 26 - 22
    ️· Gender: Reverse Gender
    ️· Socket/Receptacle: Socket/Receptacle - Free
    ️· Locking System: Push-pull
    ️· Cable Jacket Diameter: 3.80 - 10.70 mm
    ️· Size: 1F
    ️· Series: F - Rugged Push-Pull

    ## Technical Details

    Electrical Configuration

    ️· Contact Termination: Low Voltage Crimp
    ️· Resistance (max): 6.1 mOhm
    ️· Insert Configuration: 1F.308 - 8 Low Voltage
    ️· Insulator: PEEK (UL 94 / V-0/1.5)
    ️· Rated Current: 5 A
    ️· Voltage Test (Contact-Contact): 1300 V (AC), 1840 V (DC)
    ️· Voltage Test (Contact-Shell): 1300 V (AC), 1840 V (DC)
    ️· Contact Retention: 22 N
    ️· Contact Type: Crimp
    ️· Maximum Conductor Size: 0.34 mm^2 (AWG 22)
    ️· Minimum Conductor Size: 0.14 mm^2 (AWG 26)
    ️· Bucket Diameter: 0.8 mm (0.031in)
    ️· Contact Diameter: 0.7 mm (0.028in)

    Form & Material

    ️· Shell Style/Model ID: PH - Straight receptacle
    ️· Locking System: Push-pull
    ️· Keying: 3 keys (beta=155, gamma=50)
    ️· Weight: 14.43 g

    Environment

    ️· Technical Domain: Motorsport, Security and Defence
    ️· Environmental Sealing (IP Rating): IP67
    ️· Salt Spray Corrosion Resistance: >144 hr

    Cable Fixation

    ️· Cable Termination Protection: Heatshrink
    ️· Fixation Type: Cable collet
    ️· Cable Jacket Diameter: 3.80 - 10.70 mm

    Drawings - Dimensions

    ️· B: 10.7 mm (0.42 in)
    ️· L: 26.7 mm (1.05 in)
    ️· A: 14 mm (0.55 in)
    ️· X: 8 mm (0.31 in)

    Accessories

    ️· Replacement Contact: FGG.0B.555.ZZC
    ️· Compatible Cap: BRF.1F.200.XAV

    Tools

    ️· Positionner: DCE.91.070.BVC
    ️· Extraction Tool: DCF.93.070.4LT
    ️· Crimp Tool: DPC.91.701.V

    Cables

    Part Number Material Color
    CMN.08.T22.059QGC TPR Grey
    CMN.08.T22.059QGZE TPR (medical) Grey
    CMN.08.T26.042QGZE TPR (medical) Grey
    108220 PVC Black
    108240 PTFE White
    108260 PTFE White
    16080 PVC Grey
    180240 PVC Black
    180260 PVC Black
    280250 PVC Grey
    335990 PVC Black
    335991 PVC Black
    42265 PVC Yellow
    80140 PVC Grey
    8280 PVC Black

    # PHS.1F.308.NLC

    ## Summary

    ️· Part Number: PHS.1F.308.NLC
    ️· Image: Illustrative only
    ️· Number of Contacts: 8 (Low Voltage)
    ️· Wire Size/AWG: 26 - 22
    ️· Gender: Reverse Gender
    ️· Socket/Receptacle: Socket/Receptacle - Free
    ️· Locking System: Push-pull
    ️· Cable Jacket Diameter: 3.80 - 10.70 mm
    ️· Size: 1F
    ️· Series: F - Rugged Push-Pull

    ## Technical Details

    Electrical Configuration

    ️· Contact Termination: Low Voltage Crimp
    ️· Resistance (max): 6.1 mOhm
    ️· Insert Configuration: 1F.308 - 8 Low Voltage
    ️· Insulator: PEEK (UL 94 / V-0/1.5)
    ️· Rated Current: 5 A
    ️· Voltage Test (Contact-Contact): 1300 V (AC), 1840 V (DC)
    ️· Voltage Test (Contact-Shell): 1300 V (AC), 1840 V (DC)
    ️· Contact Retention: 22 N
    ️· Contact Type: Crimp
    ️· Maximum Conductor Size: 0.34 mm^2 (AWG 22)
    ️· Minimum Conductor Size: 0.14 mm^2 (AWG 26)
    ️· Bucket Diameter: 0.8 mm (0.031in)
    ️· Contact Diameter: 0.7 mm (0.028in)

    Form & Material

    ️· Shell Style/Model ID: PH - Straight receptacle
    ️· Locking System: Push-pull
    ️· Keying: 3 keys (beta=155, gamma=50)
    ️· Weight: 14.43 g

    Environment

    ️· Technical Domain: Motorsport, Security and Defence
    ️· Environmental Sealing (IP Rating): IP67
    ️· Salt Spray Corrosion Resistance: >144 hr

    Cable Fixation

    ️· Cable Termination Protection: Heatshrink
    ️· Fixation Type: Cable collet
    ️· Cable Jacket Diameter: 3.80 - 10.70 mm

    Drawings - Dimensions

    ️· B: 10.7 mm (0.42 in)
    ️· L: 26.7 mm (1.05 in)
    ️· A: 14 mm (0.55 in)
    ️· X: 8 mm (0.31 in)

    Accessories

    ️· Replacement Contact: FGG.0B.555.ZZC
    ️· Compatible Cap: BRF.1F.200.XAV

    Tools

    ️· Positionner: DCE.91.070.BVC
    ️· Extraction Tool: DCF.93.070.4LT
    ️· Crimp Tool: DPC.91.701.V

    Cables

    Part Number Material Color
    CMN.08.T22.059QGC TPR Grey
    CMN.08.T22.059QGZE TPR (medical) Grey
    CMN.08.T26.042QGZE TPR (medical) Grey
    108220 PVC Black
    108240 PTFE White
    108260 PTFE White
    16080 PVC Grey
    180240 PVC Black
    180260 PVC Black
    280250 PVC Grey
    335990 PVC Black
    335991 PVC Black
    42265 PVC Yellow
    80140 PVC Grey
    8280 PVC Black

    Part No.PHS.1F.308.NLC
    ManufacturerLEMO
    Size165 Kbytes
    Pages4 pages
    DescriptionF - Rugged Push-Pull
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com