Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHS.1F.308.NLC Datasheet(PDF) 3 Page - LEMO Connectors

Part # PHS.1F.308.NLC
Description  F - Rugged Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

PHS.1F.308.NLC Datasheet(HTML) 3 Page - LEMO Connectors

  PHS.1F.308.NLC Datasheet HTML 1Page - LEMO Connectors PHS.1F.308.NLC Datasheet HTML 2Page - LEMO Connectors PHS.1F.308.NLC Datasheet HTML 3Page - LEMO Connectors PHS.1F.308.NLC Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.lemo.com/int_en/solutions/optima/f-rugged-push-pull/phs-1f-308-nlc.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Cable fixation
Cable termination protection
Heatshrink
Fixation type
Cable collet
Jacket cable outside diameter [mm]
3.80 - 10.70 mm
Drawings
Dimensions
B
L
A
X
mm.
10.7
26.7
14
8
in.
0.42
1.05
0.55
0.31
Recommended By Lemo
Accessories
Replacement contact
FGG.0B.555.ZZC
Compatible cap
BRF.1F.200.XAV
Tools
Positionner
DCE.91.070.BVC
Extraction tool
DCF.93.070.4LT
Crimp tool
DPC.91.701.V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com