| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STE2102D3 Datasheet
# Example questions:
➢ How does the on-chip otp (smart otp) contribute to the calibration and tuning process for this display controller?
➢ What are the voltage ranges required for the logic supply, interface/control signals, and high voltage generator to operate the ste2102?
➢ What display resolutions does the ste2102 support, and what color depths are available?
# STE2102 LCD Controller/Driver
## Features
· Display matrix: 240 x 320RGB
· Color modes: 8 colors & 262K colors
· Interfaces:
- I2C, 3-line SPI, 9-bit Serial, 4-line SPI
- 16/18Bit RGB, 8Bit YCrCb 4:2:2
· Supply Voltages:
- Logic: 1.5 - 1.95V
- Interface/Control: 1.5 - 3.6V
- High Voltage Generator: 2.2 - 3.6V
· TFT Structures: Cap-on-common, Cap-on-Gate
· On-chip calibration with OTP cells
## Description
The STE2102 is a low-power, single-chip TFT controller/driver designed for 240x320 RGB displays. It integrates gate/source drivers, voltage generators, and supports both Cap-on-CE and Cap-On-Gate panels. Features include a high-speed RGB interface, a digital video interface, and various serial interfaces for configuration.
## Key Benefits
· Drives panel sizes up to 4"
· Low power consumption (~6mA at 3.5” panel)
· Reduced external component count
· Integrated OTP for calibration & tuning
· Supports various application types (portable multimedia, digital still camera, printers, etc.)
## Ordering Information
· STE2102D3: Bumped Dice on Waffle Pack
## Revision History
· Rev 1: Initial Release (December 2006)
# STE2102 LCD Controller/Driver
## Features
· Display matrix: 240 x 320RGB
· Color modes: 8 colors & 262K colors
· Interfaces:
- I2C, 3-line SPI, 9-bit Serial, 4-line SPI
- 16/18Bit RGB, 8Bit YCrCb 4:2:2
· Supply Voltages:
- Logic: 1.5 - 1.95V
- Interface/Control: 1.5 - 3.6V
- High Voltage Generator: 2.2 - 3.6V
· TFT Structures: Cap-on-common, Cap-on-Gate
· On-chip calibration with OTP cells
## Description
The STE2102 is a low-power, single-chip TFT controller/driver designed for 240x320 RGB displays. It integrates gate/source drivers, voltage generators, and supports both Cap-on-CE and Cap-On-Gate panels. Features include a high-speed RGB interface, a digital video interface, and various serial interfaces for configuration.
## Key Benefits
· Drives panel sizes up to 4"
· Low power consumption (~6mA at 3.5” panel)
· Reduced external component count
· Integrated OTP for calibration & tuning
· Supports various application types (portable multimedia, digital still camera, printers, etc.)
## Ordering Information
· STE2102D3: Bumped Dice on Waffle Pack
## Revision History
· Rev 1: Initial Release (December 2006)
| Part No. | STE2102D3 |
| Manufacturer | STMICROELECTRONICS |
| Size | 41 Kbytes |
| Pages | 4 pages |
| Description | 240x320RGB single-chip true 262K colors ramless LCD controller/driver |