Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2102D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2102D3
Description  240x320RGB single-chip true 262K colors ramless LCD controller/driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2102D3 Datasheet(HTML) 1 Page - STMicroelectronics

  STE2102D3 Datasheet HTML 1Page - STMicroelectronics STE2102D3 Datasheet HTML 2Page - STMicroelectronics STE2102D3 Datasheet HTML 3Page - STMicroelectronics STE2102D3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2006
Rev 1
1/4
4
STE2102
240x320RGB single-chip true 262K colors
ramless LCD controller/driver
Features
240 x 320RGB display matrix
8 colors & 262K colors modes
Programmable number of lines
Programmable frame & N-line polarity
inversion
System interfaces (read and write)
–I2C
– 3-lines SPI
– 3-lines 9 bits Serial Interface
– 4-lines SPI
Graphics interfaces:
– 16/18Bit RGB Interface
– 8Bit YCrCb 4:2:2 Interface
Programmable Gamma look-up tables for
optimum colour configuration.
Fully integrated Bias system and voltage
generator
Designed for chip-on-glass (COG) and
chip-on-foil (COF) applications
Logic supply voltage range from 1.5 to 1.95V
Interface and control signals supply voltage
range from 1.5 to 3.6V
High voltage generator supply voltage range
from 2.2 to 3.6V
Selectable scan direction
Common electrode and gate-off switching
Cap-on-common and cap-on-gate (patented)
TFT structures
Gate, common and source waveform timing
generation digitally tunable
Gate drivers voltage range from -15 to 16.5V
Source drivers voltage range from 0 to 5.5V
Common driver voltage range from -2.5 to 4.5V
On chip calibration (with OTP Cells) of Key
configuration parameters
Description
The STE2102 is a low power CMOS single-chip
TFT controller/driver featuring an extremely low
current consumption thanks to an innovative
charge pump architecture. Designed to drive a
240 rows by 320RGB columns 262k colors
graphic display, with amplitude modulation
method, the STE2102 provides all the necessary
functions in a single chip, including on-chip gate
drivers supply, source drivers supply and source
reference voltages generators, resulting in a
minimum of externals components.
STE2102 features an high-speed RGB interface
to transfer flicker-free video data, an 8-bit YCrCb
digital video interface and several bi-directional
serial interfaces to configure the display.
The IC is designed to operate with both traditional
Cap-on-CE and with Cap-On-Gate panels.
www.st.com


Similar Part No. - STE2102D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2130S STMICROELECTRONICS-STE2130S Datasheet
64Kb / 4P
240RGB x 320 single chip true 262K color controller/driver
19-Dec-2006
More results

Similar Description - STE2102D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2130S STMICROELECTRONICS-STE2130S Datasheet
64Kb / 4P
240RGB x 320 single chip true 262K color controller/driver
19-Dec-2006
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
162 RGB x 132 single chip true 262K color OLED controller/driver
18-Dec-2006
STE2028 STMICROELECTRONICS-STE2028 Datasheet
133Kb / 4P
162 x 130 RGB single-chip true 262k color LCD controller driver
18-Jun-2007
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com