Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JOE75-2.5V Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about JOE75-2.5V Datasheet

  • # Example questions: ➢ How does the 'e/d control' pin (#1) affect the output signals on pins #4 and #5?
    ➢ What is the maximum allowable current consumption of this oscillator?
    ➢ What frequency stability code should i select if i require operation between -40°c and +85°c and need ±50 ppm accuracy?

  • Part No.JOE75-2.5V
    ManufacturerJAUCH
    Size166 Kbytes
    Pages2 pages
    DescriptionSMD Oscillator Low Voltage PECL
    Datasheet Summary with AI

    # JOE75 2.5 V PECL Oscillator

    ## General Description

    · SMD Oscillator
    · Low Voltage PECL
    · Dimensions: 7.5 x 5.2 mm
    · Drives fast PECL logic
    · Complementary output, low EMI
    · Ceramic/metal package

    ## Specifications

    · Frequency Range: 50.0 – 170.0 MHz (higher frequencies available)
    · Frequency Stability: See Table 1 (±100 ppm, ±50 ppm, ±25 ppm options)
    · Supply Voltage: 2.5 V ± 5%
    · Operating Temperature: -10 °C ~ +70 °C / -40 °C ~ +85 °C
    · Storage Temperature: -55 °C ~ +125 °C
    · Output Rise/Fall Time: 1ns (20% ~ 80%)
    · Current Consumption: 88 mA max.
    · Standby Current: 30 µA max.
    · Phase Jitter: < 1.0 ps RMS
    · Period Jitter: < 5.0 ps RMS
    · Symmetry: 45% ~ 55% max.

    ## Enable/Disable Function

    · Pin #1 (e/d control): Open or ≥ 0.7 VCC (Enable), GND or ≤ 0.3 VCC (High Impedance)
    · Pins #4 / #5 (outputs): Controlled by pin #1

    ## Reflow Soldering Profile

    · Max. Temperature: 260 °C

    ## Order Information

    · Example: O 155.520-JOE75 -B-2.5-T1
    · Includes frequency, stability code, supply voltage, and temperature options.

    ## Marking

    · Type / Frequency
    · Company Code / Date Code
    · Date Code: A-M (Jan-Dec), 9 (2009), 0 (2010), 1 (2011)

    ## Taping Specification

    · 500 pieces per reel
    · Non-multiple units supplied taped/bulk

    # JOE75 2.5 V PECL Oscillator

    ## General Description

    · SMD Oscillator
    · Low Voltage PECL
    · Dimensions: 7.5 x 5.2 mm
    · Drives fast PECL logic
    · Complementary output, low EMI
    · Ceramic/metal package

    ## Specifications

    · Frequency Range: 50.0 – 170.0 MHz (higher frequencies available)
    · Frequency Stability: See Table 1 (±100 ppm, ±50 ppm, ±25 ppm options)
    · Supply Voltage: 2.5 V ± 5%
    · Operating Temperature: -10 °C ~ +70 °C / -40 °C ~ +85 °C
    · Storage Temperature: -55 °C ~ +125 °C
    · Output Rise/Fall Time: 1ns (20% ~ 80%)
    · Current Consumption: 88 mA max.
    · Standby Current: 30 µA max.
    · Phase Jitter: < 1.0 ps RMS
    · Period Jitter: < 5.0 ps RMS
    · Symmetry: 45% ~ 55% max.

    ## Enable/Disable Function

    · Pin #1 (e/d control): Open or ≥ 0.7 VCC (Enable), GND or ≤ 0.3 VCC (High Impedance)
    · Pins #4 / #5 (outputs): Controlled by pin #1

    ## Reflow Soldering Profile

    · Max. Temperature: 260 °C

    ## Order Information

    · Example: O 155.520-JOE75 -B-2.5-T1
    · Includes frequency, stability code, supply voltage, and temperature options.

    ## Marking

    · Type / Frequency
    · Company Code / Date Code
    · Date Code: A-M (Jan-Dec), 9 (2009), 0 (2010), 1 (2011)

    ## Taping Specification

    · 500 pieces per reel
    · Non-multiple units supplied taped/bulk

    Part No.JOE75-2.5V
    ManufacturerJAUCH
    Size166 Kbytes
    Pages2 pages
    DescriptionSMD Oscillator Low Voltage PECL
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com