Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JOE75-2.5V Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # JOE75-2.5V
Description  SMD Oscillator Low Voltage PECL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

JOE75-2.5V Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  JOE75-2.5V Datasheet HTML 1Page - Jauch Quartz Gmbh JOE75-2.5V Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
7.5 max.
#6 #5 #4
#1 #2 #3
1.8±0.1
2 x 2.54±0.1
2 x 2.54±0.1
1.4±0.1
#1
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: nc
# 3: ground
# 4: output 1
# 5: output 2
# 6: VCC
actual size
Oscillator · PECL · JOE75 · 2.5 V
General Data
type
frequency range
higher frequencies on request
frequency stability over all*
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load nom.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
standby current max.
phase jitter 12 kHz ~ 20.0 MHz
period jitter
symmetry at 50% of Vpp
JOE75 2.5 V
50.0 ~ 170.0 MHz
170.0 – 270.0 MHz
± 25 ppm / ± 50 ppm / ± 100 ppm
see table 1
88 mA max.
2.5 V ± 5%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
1ns (20% ~ 80% of Vpp)
50
Ω at 0.5 V
1.195 V
1.415 V
10 ms
200 ns
10 ms
stop
30 µA
< 1.0 ps RMS
< 5.0 ps RMS
45% ~ 55% max.
blank = -10 °C ~ +70 °C
T 1 = -40 °C ~ +85 °C on request
Order Information
Example: O 155.520-JOE75-B-2.5-T1
(Suffix LF = RoHS compliant / Pb free pins or pads)
O
frequency
in MHz
type
frequency stability
code
Oscillator
62.5 ~ 165.0 MHz
JOE75
see table 1
2.5 = 2.5 V
option
supply voltage
in Volt
Table 1: Frequency Stability Code
stability code
AB
C
± 100 ppm
± 50 ppm
± 25 ppm
-10 °C ~ +70 °C
OO
-40 °C ~ +85 °C
OO
standard O available ▲ excludes shock & vibration
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
Enable / Disable Function
pin #1 (e/d control)
pin #4 / #5 (outputs)
open or ≥ 0.7 VCC
enable
gnd or ≤ 0.3 VCC
high impedance
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
drives fast PECL logic
complementary output, low EMI
reflow soldering temperature: 260 °C max.
ceramic/metal package
SMD Oscillator Low Voltage PECL
· 7.5 x 5.2 mm
260209
Dimensions


Similar Part No. - JOE75-2.5V

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JOE75-3.3V JAUCH-JOE75-3.3V Datasheet
166Kb / 2P
SMD Oscillator Low Voltage PECL
More results

Similar Description - JOE75-2.5V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
ECL/ PECL OSCILLATOR
logo
Crystek Corporation
CVP-140 CRYSTEKCRYSTAL-CVP-140 Datasheet
128Kb / 1P
Differential PECL Voltage Controlled Crystal Oscillator
logo
Fox Electronics
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
3.3V, SMD, LV-PECL Oscillator
logo
List of Unclassifed Man...
PESM ETC2-PESM Datasheet
36Kb / 1P
5X7X1.6mm / PECL SMD Oscillator
logo
Fox Electronics
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
VCP65AXT FOX-VCP65AXT Datasheet
142Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
logo
ECS, Inc.
ECS-PEC25 ECS-ECS-PEC25 Datasheet
243Kb / 2P
SMD PECL OSCILLATOR
logo
Jauch Quartz Gmbh
JOE75-3.3V JAUCH-JOE75-3.3V Datasheet
166Kb / 2P
SMD Oscillator Low Voltage PECL
JOD75-3.3V JAUCH-JOD75-3.3V Datasheet
178Kb / 2P
SMD Low Voltage LVDS Oscillator
logo
Caliber Electronics Inc...
PESM CALIBER-PESM Datasheet
41Kb / 1P
5X7X1.6mm / PECL SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com