| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about JO42-1.8V Datasheet
# Example questions:
➢ What is the maximum allowable current draw when the oscillator is operating at a 15pf load?
➢ How does the oscillator behave when pin #1 (e/d control) is left open?
➢ What date code corresponds to a unit manufactured in september 2007?
# Oscillator · JO42 · 1.8 V
## Product Overview
️· Type: Low Power/Low Frequency Oscillator designed for Real Time Clocks (RTC).
️· RoHS Compliant: Meets 2002/95/EC standards with Pb-free pins and pads.
️· Package: Ceramic/Metal
️· Reflow Soldering: Max temperature 260°C.
## Electrical Characteristics
️· Frequency: 32.768KHz
️· Frequency Stability:
- +5 +/-20ppm at 25°C
- -120 ~ +10ppm over temperature
️· Supply Voltage (VDC): 1.8 V ± 10%
️· Operating Temperature: -10°C ~ +70°C
️· Storage Temperature: -55°C ~ +125°C
️· Current Consumption:
- 4.0µA max. at 15pF
- 1.2µA max. at no load
️· Output Rise & Fall Time: 100ns max.
️· Output Load: 15pF
️· Output Current (max): 120µA
️· Output Low Level (max): 0.4 V
️· Output High Level (min): VDC -0.4 V
️· Enable/Disable Times:
- Enable: 3s max.
- Disable: 150ns max.
️· Start-up Time: 3s max.
️· Standby Current: 250nA max.
️· Symmetry: 40% ~ 60% max.
## Enable/Disable Function
| e/d Control | Output |
|---|---|
| Open | High Impedance |
| High (VIH ≥ 0.8 VDC) | Active |
| Low (VIL ≤ 0.2 VDC) | High Impedance |
# Oscillator · JO42 · 1.8 V
## Product Overview
️· Type: Low Power/Low Frequency Oscillator designed for Real Time Clocks (RTC).
️· RoHS Compliant: Meets 2002/95/EC standards with Pb-free pins and pads.
️· Package: Ceramic/Metal
️· Reflow Soldering: Max temperature 260°C.
## Electrical Characteristics
️· Frequency: 32.768KHz
️· Frequency Stability:
- +5 +/-20ppm at 25°C
- -120 ~ +10ppm over temperature
️· Supply Voltage (VDC): 1.8 V ± 10%
️· Operating Temperature: -10°C ~ +70°C
️· Storage Temperature: -55°C ~ +125°C
️· Current Consumption:
- 4.0µA max. at 15pF
- 1.2µA max. at no load
️· Output Rise & Fall Time: 100ns max.
️· Output Load: 15pF
️· Output Current (max): 120µA
️· Output Low Level (max): 0.4 V
️· Output High Level (min): VDC -0.4 V
️· Enable/Disable Times:
- Enable: 3s max.
- Disable: 150ns max.
️· Start-up Time: 3s max.
️· Standby Current: 250nA max.
️· Symmetry: 40% ~ 60% max.
## Enable/Disable Function
| e/d Control | Output |
|---|---|
| Open | High Impedance |
| High (VIH ≥ 0.8 VDC) | Active |
| Low (VIL ≤ 0.2 VDC) | High Impedance |
| Part No. | JO42-1.8V |
| Manufacturer | JAUCH |
| Size | 182 Kbytes |
| Pages | 2 pages |
| Description | Low Power/Low Frequency Oscillator |