Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JO42-1.8V Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # JO42-1.8V
Description  Low Power/Low Frequency Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

JO42-1.8V Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  JO42-1.8V Datasheet HTML 1Page - Jauch Quartz Gmbh JO42-1.8V Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
Internet: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · JO42 · 1.8 V
actual size
low power type for Real Time Clocks (RTC)
RoHS compliant, ceramic/metal package
reflow soldering temperature: 260 °C max.
Low Power/Low Frequency Oscillator
blank = -10 °C ~ +70 °C
Order Information
Example: O 0.0327680-JO42-TF-1.8-1
(LF = RoHS compliant / Pb free pads)
O
frequency
type
frequency stability
code
Oscillator
32.768KHz
JO42
TF
1.8 = 1.8 V
1 = 15 pF
option
supply voltage
code
output load
code
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
stop function:
• oscillator stops
• output high impedance
General Data
type
frequency
frequency stability at 25°C
frequency stability over temp.
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
standby current max.
symmetry at 0.5 x VDC
JO42 1.8V for Real Time Clock (RTC)
32.768KHz
+5 +/-20ppm
-120 ~ +10ppm
4.0µA max. at 15pF; 1.2µA max. at no load
1.8 V ± 10%
-10 °C ~ +70 °C
-55 °C ~ +125 °C
100ns max.
15pF
120µA
0.4 V
VDC -0.4 V
3s
150ns
3s
stop
250nA
40% ~ 60% max.
Marking
frequency / date code
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
#1
#2
#3
#4
4.0±0.2
2.0
1.1
3.0
#2
#1
#4
#3
0.9
±0.1
±0.1
±0.1
±0.1
Dimensions
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDC


Similar Part No. - JO42-1.8V

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
More results

Similar Description - JO42-1.8V

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LSMA050UMA EUROQUARTZ-LSMA050UMA Datasheet
256Kb / 1P
Low Power - Low Frequency SMD Oscillator
LSMA050UMTA EUROQUARTZ-LSMA050UMTA Datasheet
259Kb / 1P
Low Power - Low Frequency SMD Oscillator
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
Low Power/Low Frequency Oscillator
logo
EUROQUARTZ limited
LSM EUROQUARTZ-LSM Datasheet
133Kb / 1P
Low Frequency - Low power SMD Oscillator
logo
SiTime Corp.
SIT8009B SITIME-SIT8009B Datasheet
1Mb / 17P
High Frequency, Low Power Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com