| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SA1953_07 Datasheet
# Example questions:
➢ What is the typical hfe (dc current gain) range for the 2sa1953 transistor, based on the 'hfe classification' provided in the datasheet?
➢ What should a designer review to ensure reliable operation when the transistor is subjected to high temperatures, currents, or voltages?
➢ What is the maximum collector current (ic) and junction temperature (tj) specified for the 2sa1953 transistor?
# 2SA1953
## General Description
️· Silicon PNP Epitaxial Type (PCT process)
️· For general-purpose amplifier and switching applications
## Absolute Maximum Ratings
️· Collector-Base Voltage (VCBO): -15 V
️· Collector-Emitter Voltage (VCEO): -12 V
️· Emitter-Base Voltage (VEBO): -5 V
️· Collector Current (IC): -500 mA
️· Base Current (IB): -50 mA
️· Collector Power Dissipation (PC): 150 mW
️· Junction Temperature (Tj): 125 °C
️· Storage Temperature Range (Tstg): -55 to 125 °C
## Electrical Characteristics (Ta = 25°C)
️· DC Current Gain (hFE): 300-1000 (VCE = -2V, IC = -10mA)
️· Collector-Emitter Saturation Voltage (VCE(sat)(1)): -15 mV typ. (IC = -10mA, IB = -0.5mA)
️· Collector-Emitter Saturation Voltage (VCE(sat)(2)): -110 mV typ. (IC = -200mA, IB = -10mA)
️· Base-Emitter Saturation Voltage (VBE(sat)): -0.87 V typ. (IC = -200mA, IB = -10mA)
️· Transition Frequency (fT): 80-130 MHz (VCE = -2V, IC = -10mA)
️· Collector Output Capacitance (Cob): 4.2 pF typ. (VCB = -10V, IE = 0, f = 1 MHz)
️· Collector-Emitter On Resistance (Ron): 0.9 Ω typ. (IB = -1 mA, Vin = -1Vrms, f = 1 kHz)
## Switching Times
️· Turn-on time (ton): 40 ns typ.
️· Storage time (tstg): 280 ns typ.
️· Fall time (tf): 45 ns typ.
## Important Notes
️· Restrictions on product use apply - see documentation for details
️· Product is for general electronic applications only
️· No liability assumed for customer product design or applications
️· Follow all applicable laws and regulations.
# 2SA1953
## General Description
️· Silicon PNP Epitaxial Type (PCT process)
️· For general-purpose amplifier and switching applications
## Absolute Maximum Ratings
️· Collector-Base Voltage (VCBO): -15 V
️· Collector-Emitter Voltage (VCEO): -12 V
️· Emitter-Base Voltage (VEBO): -5 V
️· Collector Current (IC): -500 mA
️· Base Current (IB): -50 mA
️· Collector Power Dissipation (PC): 150 mW
️· Junction Temperature (Tj): 125 °C
️· Storage Temperature Range (Tstg): -55 to 125 °C
## Electrical Characteristics (Ta = 25°C)
️· DC Current Gain (hFE): 300-1000 (VCE = -2V, IC = -10mA)
️· Collector-Emitter Saturation Voltage (VCE(sat)(1)): -15 mV typ. (IC = -10mA, IB = -0.5mA)
️· Collector-Emitter Saturation Voltage (VCE(sat)(2)): -110 mV typ. (IC = -200mA, IB = -10mA)
️· Base-Emitter Saturation Voltage (VBE(sat)): -0.87 V typ. (IC = -200mA, IB = -10mA)
️· Transition Frequency (fT): 80-130 MHz (VCE = -2V, IC = -10mA)
️· Collector Output Capacitance (Cob): 4.2 pF typ. (VCB = -10V, IE = 0, f = 1 MHz)
️· Collector-Emitter On Resistance (Ron): 0.9 Ω typ. (IB = -1 mA, Vin = -1Vrms, f = 1 kHz)
## Switching Times
️· Turn-on time (ton): 40 ns typ.
️· Storage time (tstg): 280 ns typ.
️· Fall time (tf): 45 ns typ.
## Important Notes
️· Restrictions on product use apply - see documentation for details
️· Product is for general electronic applications only
️· No liability assumed for customer product design or applications
️· Follow all applicable laws and regulations.
| Part No. | 2SA1953_07 |
| Manufacturer | TOSHIBA |
| Size | 196 Kbytes |
| Pages | 5 pages |
| Description | General Purpose Amplifier Applications Switching and Muting Switch Application |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |