| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAYC Datasheet
# Example questions:
➢ What is the primary purpose of the 'hiccup mode' short circuit protection feature described in the document?
➢ What is the maximum leakage current from input to output?
➢ What certifications is wall industries pursuing for the psayc series power supplies, and what emc standards are they aiming to meet?
# PSAYC Series 2W AC/DC Switching Power Supplies
## Features
· RoHS Compliant
· Isolation Class II
· 2 Watts Output Power
· Low Ripple and Noise
· Single Outputs
· UL/cUL, CE, CB Safety Approvals (pending)
· PCB Mountable
· Fully Encapsulated Plastic Case (UL 94V-0)
· Operating Temperature: -40°C to +80°C
· No Load Power Consumption: < 0.3W
· Universal Input: 90-305VAC (120-430VDC)
· Protection: Short Circuit, Over Power, Over Voltage
## Description
· Provides 2 watts of output power in a 1.33” x 0.87” x 0.67” package.
· Suitable for PCB mounting.
## Model Selection Table
| Model Number | Output Voltage | Output Current | Max Capacitive Load | Efficiency |
|---|---|---|---|---|
| PSAYC-3.3S | 3.3 VDC | 600mA | 14,000μF | 68% |
| PSAYC-5S | 5 VDC | 400mA | 8,000μF | 71% |
| PSAYC-9S | 9 VDC | 222mA | 2400µF | 75% |
| PSAYC-12S | 12 VDC | 167mA | 1000μF | 76% |
| PSAYC-15S | 15 VDC | 133mA | 700μF | 76% |
| PSAYC-24S | 24 VDC | 83mA | 220μF | 77% |
# PSAYC Series 2W AC/DC Switching Power Supplies
## Features
· RoHS Compliant
· Isolation Class II
· 2 Watts Output Power
· Low Ripple and Noise
· Single Outputs
· UL/cUL, CE, CB Safety Approvals (pending)
· PCB Mountable
· Fully Encapsulated Plastic Case (UL 94V-0)
· Operating Temperature: -40°C to +80°C
· No Load Power Consumption: < 0.3W
· Universal Input: 90-305VAC (120-430VDC)
· Protection: Short Circuit, Over Power, Over Voltage
## Description
· Provides 2 watts of output power in a 1.33” x 0.87” x 0.67” package.
· Suitable for PCB mounting.
## Model Selection Table
| Model Number | Output Voltage | Output Current | Max Capacitive Load | Efficiency |
|---|---|---|---|---|
| PSAYC-3.3S | 3.3 VDC | 600mA | 14,000μF | 68% |
| PSAYC-5S | 5 VDC | 400mA | 8,000μF | 71% |
| PSAYC-9S | 9 VDC | 222mA | 2400µF | 75% |
| PSAYC-12S | 12 VDC | 167mA | 1000μF | 76% |
| PSAYC-15S | 15 VDC | 133mA | 700μF | 76% |
| PSAYC-24S | 24 VDC | 83mA | 220μF | 77% |
| Part No. | PSAYC |
| Manufacturer | WALL |
| Size | 102 Kbytes |
| Pages | 3 pages |
| Description | AC/DC Switching Power Supplies |