Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAYC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAYC
Description  AC/DC Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAYC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAYC Datasheet HTML 1Page - Wall Industries,Inc. PSAYC Datasheet HTML 2Page - Wall Industries,Inc. PSAYC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Advanced Publication
PSAYC SERIES
2 Watt AC/DC Switching Power Supplies
06/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
RoHS Compliant
Isolation Class II
2 Watts Output Power
Low Ripple and Noise
Single Outputs
UL/cUL, CE, CB Safety Approvals
PCB Mountable Switching Power Supply
Fully Encapsulated Plastic Case
-40°C to +80°C Operating Temperature Range
< 0.3W No Load Power Consumption
Universal Input Range: 90-305VAC (120-430VDC)
Short Circuit, Over Power, and Over Voltage Protection
DESCRIPTION
Size:
1.33 x 0.87 x 0.67 inches
33.7 x 22.2 x 17.0 mm
The PSAYC series of AC/DC switching power supplies provides 2 watts of output power in a
1.33” x 0.87” x 0.67” encapsulated PCB mountable package. This series consists of single output
models with a universal input range of 90-305VAC (120-430VDC). Some features include low
ripple and noise, -40°C to +80°C operating temperature range, and over power, over voltage,
and short circuit protection. All models are RoHS compliant and have UL/cUL, CE, and CB safety
approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load
Max Load
Line
Regulation
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
PSAYC-3.3S
3.3 VDC
0%
600mA
±1.0%
±1.5%
2W
68%
14,000μF
PSAYC-5S
5 VDC
0%
400mA
±1.0%
±1.5%
2W
71%
8,000μF
PSAYC-9S
9 VDC
0%
222mA
±1.0%
±1.5%
2W
75%
2400µF
PSAYC-12S
12 VDC
0%
167mA
±1.0%
±1.5%
2W
76%
1000μF
PSAYC-15S
15 VDC
0%
133mA
±1.0%
±1.5%
2W
76%
700μF
PSAYC-24S
90~305 VAC
(120~430 VDC)
24 VDC
0%
83mA
±1.0%
±1.5%
2W
77%
220μF
BLOCK DIAGRAM
DERATING CURVE
Single Output
O.V.P. / O.C.P.
DETECT
+V
-V
L
N
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
25%


Similar Part No. - PSAYC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
PSAYC-12S WALL-PSAYC-12S Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
PSAYC-15S WALL-PSAYC-15S Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
PSAYC-24S WALL-PSAYC-24S Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
PSAYC-3.3S WALL-PSAYC-3.3S Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
More results

Similar Description - PSAYC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com