Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSHF35W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSHF35W Datasheet

  • # Example questions: ➢ What are the physical dimensions of the pshf35w series power supply (length x width x height)?
    ➢ What safety and emc certifications does the pshf35w series power supply hold?
    ➢ What is the typical efficiency range of the pshf35w series power supplies, based on the model selection table?

  • Part No.PSHF35W
    ManufacturerWALL
    Size97 Kbytes
    Pages3 pages
    DescriptionAC/DC Switching Power Supplies
    Datasheet Summary with AI

    # PSHF35W Series AC/DC Switching Power Supplies

    ## Features
    · RoHS Compliant
    · Up to 36 Watts Output Power
    · 170~264VAC (210~370VDC) Input Voltage
    · Single Output Voltages: 5VDC to 48VDC
    · ±10% Voltage Adjustment
    · High Efficiency (up to 85%)
    · Over Load & Short Circuit Protection
    · Free Air Convection
    · GB4943, UL60950, & EN60950 Safety Approvals
    · Meets GB9254 & EN55022 Class A EMC Standards
    · 100% Full Load Burn-in Tested

    ## Description
    · Dimensions: 3.88 x 3.23 x 1.38 inches (98.5 x 82.0 x 35.0 mm)
    · Weight: 8.47oz (240g)
    · Enclosed case

    ## Technical Specifications
    · Input Voltage: 170-264VAC / 210-370VDC
    · Input Frequency: 47-63 Hz
    · Output Power: Up to 36W (varies by model)
    · Ripple & Noise: (20MHz BW) Varies by model (See Model Selection Table)
    · Operating Temperature: -20 to +70°C
    · Storage Temperature: -20 to +85°C
    · Cooling: Free air convection

    ## Model Selection Table
    Model Number Output Voltage Output Current Efficiency
    PSHF35W-SE-5 5 VDC 7.0A 77%
    PSHF35W-SE-12 12 VDC 3.0A 81%
    PSHF35W-SE-15 15 VDC 2.4A 82%
    PSHF35W-SE-24 24 VDC 1.5A 83%
    PSHF35W-SE-48 48 VDC 0.7A 85%

    ## Connections
    · 5P/8.25mm screw terminal block
    - Pin 1: AC/L
    - Pin 2: AC/N
    - Pin 3: PE
    - Pin 4: DC OUTPUT (-V)
    - Pin 5: DC OUTPUT (+V)

    # PSHF35W Series AC/DC Switching Power Supplies

    ## Features
    · RoHS Compliant
    · Up to 36 Watts Output Power
    · 170~264VAC (210~370VDC) Input Voltage
    · Single Output Voltages: 5VDC to 48VDC
    · ±10% Voltage Adjustment
    · High Efficiency (up to 85%)
    · Over Load & Short Circuit Protection
    · Free Air Convection
    · GB4943, UL60950, & EN60950 Safety Approvals
    · Meets GB9254 & EN55022 Class A EMC Standards
    · 100% Full Load Burn-in Tested

    ## Description
    · Dimensions: 3.88 x 3.23 x 1.38 inches (98.5 x 82.0 x 35.0 mm)
    · Weight: 8.47oz (240g)
    · Enclosed case

    ## Technical Specifications
    · Input Voltage: 170-264VAC / 210-370VDC
    · Input Frequency: 47-63 Hz
    · Output Power: Up to 36W (varies by model)
    · Ripple & Noise: (20MHz BW) Varies by model (See Model Selection Table)
    · Operating Temperature: -20 to +70°C
    · Storage Temperature: -20 to +85°C
    · Cooling: Free air convection

    ## Model Selection Table
    Model Number Output Voltage Output Current Efficiency
    PSHF35W-SE-5 5 VDC 7.0A 77%
    PSHF35W-SE-12 12 VDC 3.0A 81%
    PSHF35W-SE-15 15 VDC 2.4A 82%
    PSHF35W-SE-24 24 VDC 1.5A 83%
    PSHF35W-SE-48 48 VDC 0.7A 85%

    ## Connections
    · 5P/8.25mm screw terminal block
    - Pin 1: AC/L
    - Pin 2: AC/N
    - Pin 3: PE
    - Pin 4: DC OUTPUT (-V)
    - Pin 5: DC OUTPUT (+V)

    Part No.PSHF35W
    ManufacturerWALL
    Size97 Kbytes
    Pages3 pages
    DescriptionAC/DC Switching Power Supplies