Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSHF35W Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSHF35W
Description  AC/DC Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHF35W Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSHF35W Datasheet HTML 1Page - Wall Industries,Inc. PSHF35W Datasheet HTML 2Page - Wall Industries,Inc. PSHF35W Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev B
PSHF35W SERIES
Up to 36 Watts, AC/DC Switching Power Supplies
07/21/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
MODEL SELECTION TABLE
Model Number (1)
Input Voltage Range
Output Voltage
Output Current
Voltage Tolerance
Ripple & Noise (2)
Output Power
Efficiency
PSHF35W-SE-5
5 VDC
7.0A
±2%
80mVp-p
35W
77%
PSHF35W-SE-12
12 VDC
3.0A
±1%
120mVp-p
36W
81%
PSHF35W-SE-15
15 VDC
2.4A
±1%
120mVp-p
36W
82%
PSHF35W-SE-24
24 VDC
1.5A
±1%
150mVp-p
36W
83%
PSHF35W-SE-48
170~264 VAC
(210~370 VDC)
48 VDC
0.7A
±1%
150mVp-p
33.6W
85%
NOTES
1. Single output voltages are available from 5~48VDC. If the desired output voltage is not listed in the table please call factory for more ordering options.
2. Ripple & noise is measured at 20MHz limited bandwidth and using a 12" twisted pair-wire terminated with a 0.1µF & 47µF capacitors in parallel.
3. The power supply is considered a component which will be installed into final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
MECHANICAL DRAWING
0.26
[6.5]
0.71 [18.0]
Ø0.14 [Ø3.5]
3.43 [87.0]
2.91 [74.0]
Ø0.14 [Ø3.5]
0.27 [6.8]
3.48 [88.5]
Ø0.14 [Ø3.5]
2 - M3
2.17 [55.0]
Ø0.14 [Ø3.5]
Unit: inches [mm]
0.81 [20.5]
LED
Vadj
0.20
[5.0]
3.88 [98.5]
1
2
3
4
5
Frame
NOTICE:
Mounting screws into
frame max. 3mm
PIN CONNECTIONS
Pin
Assignment
1
AC/L
2
AC/N
3
PE
4
DC OUTPUT (-V)
5
DC OUTPUT (+V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com