Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAQF240 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSAQF240 Datasheet

  • # Example questions: ➢ What are the different physical configurations (e.g., chassis types) available for the psaqf240 series power supplies, as illustrated by the multiple mechanical drawings?
    ➢ What certifications does wall industries hold to demonstrate its commitment to quality and manufacturing standards?
    ➢ What is the range of input voltage (ac) accepted by the psaqf240 series?

  • Part No.PSAQF240
    ManufacturerWALL
    Size512 Kbytes
    Pages7 pages
    DescriptionAC/DC Switching Power Supplies
    Datasheet Summary with AI

    # PSAQF240 Series AC/DC Switching Power Supplies

    ## Features
    · Up to 240W Output Power
    · Single Output
    · Universal Input: 90~264VAC (120~370VDC)
    · High Efficiency: Up to 93%
    · PFC Function (PF > 0.95 at 230VAC)
    · Operating Temperature: -10°C to +70°C
    · 4000VAC I/O Isolation
    · Short Circuit, Over Power, & Over Voltage Protection
    · Safety Approvals: UL60950, CE, CB
    · Meets EN55022 Class B
    · Available in U-Chassis, Enclosed Case, and DIN Rail Mounts
    · RoHS Compliant

    ## Model Options
    · U-Chassis (Type U): 6.00 x 4.18 x 1.38 inches
    · Enclosed Case (Type C): 6.00 x 4.18 x 1.38 inches
    · DIN Rail (Type DN): 6.00 x 4.18 x 1.38 inches

    ## Model Selection (Examples)
    · PSAQF240U-12S: 12VDC, 20A, 240W, 120mVp-p Ripple, 90% Efficiency
    · PSAQF240C-24S: 24VDC, 10A, 240W, 120mVp-p Ripple, 92% Efficiency
    · PSAQF240DN-48S: 48VDC, 5A, 240W, 200mVp-p Ripple, 93% Efficiency

    ## Specifications
    · Input Frequency: 47-63 Hz
    · Input Current: 3.0A (115VAC), 1.5A (230VAC)
    · Inrush Current: 30A (115VAC), 60A (230VAC)
    · Power Factor: 0.98 (115VAC), 0.95 (230VAC)
    · Line Regulation: -1% to +1%
    · Load Regulation: -1% to +1%
    · Temperature Coefficient: -0.03 to +0.03 %/°C
    · Hold-up Time: 13ms (U-Chassis), 20ms (Enclosed/DIN Rail)

    ## Mounting Instructions
    · M3 threaded mounting inserts on bottom of chassis.
    · Screw length: Thickness of mounting surface + 0.10” (2.5mm)

    ## Pin Assignments
    · 1: AC IN (L)
    · 2: AC IN (N)
    · 3: FG (Ground)
    · 4 & 5: +DC OUT
    · 6 & 7: -DC OUT (DIN Rail models include a 7th pin)

    # PSAQF240 Series AC/DC Switching Power Supplies

    ## Features
    · Up to 240W Output Power
    · Single Output
    · Universal Input: 90~264VAC (120~370VDC)
    · High Efficiency: Up to 93%
    · PFC Function (PF > 0.95 at 230VAC)
    · Operating Temperature: -10°C to +70°C
    · 4000VAC I/O Isolation
    · Short Circuit, Over Power, & Over Voltage Protection
    · Safety Approvals: UL60950, CE, CB
    · Meets EN55022 Class B
    · Available in U-Chassis, Enclosed Case, and DIN Rail Mounts
    · RoHS Compliant

    ## Model Options
    · U-Chassis (Type U): 6.00 x 4.18 x 1.38 inches
    · Enclosed Case (Type C): 6.00 x 4.18 x 1.38 inches
    · DIN Rail (Type DN): 6.00 x 4.18 x 1.38 inches

    ## Model Selection (Examples)
    · PSAQF240U-12S: 12VDC, 20A, 240W, 120mVp-p Ripple, 90% Efficiency
    · PSAQF240C-24S: 24VDC, 10A, 240W, 120mVp-p Ripple, 92% Efficiency
    · PSAQF240DN-48S: 48VDC, 5A, 240W, 200mVp-p Ripple, 93% Efficiency

    ## Specifications
    · Input Frequency: 47-63 Hz
    · Input Current: 3.0A (115VAC), 1.5A (230VAC)
    · Inrush Current: 30A (115VAC), 60A (230VAC)
    · Power Factor: 0.98 (115VAC), 0.95 (230VAC)
    · Line Regulation: -1% to +1%
    · Load Regulation: -1% to +1%
    · Temperature Coefficient: -0.03 to +0.03 %/°C
    · Hold-up Time: 13ms (U-Chassis), 20ms (Enclosed/DIN Rail)

    ## Mounting Instructions
    · M3 threaded mounting inserts on bottom of chassis.
    · Screw length: Thickness of mounting surface + 0.10” (2.5mm)

    ## Pin Assignments
    · 1: AC IN (L)
    · 2: AC IN (N)
    · 3: FG (Ground)
    · 4 & 5: +DC OUT
    · 6 & 7: -DC OUT (DIN Rail models include a 7th pin)

    Part No.PSAQF240
    ManufacturerWALL
    Size512 Kbytes
    Pages7 pages
    DescriptionAC/DC Switching Power Supplies