Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAQF240 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # PSAQF240
Description  AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF240 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  PSAQF240 Datasheet HTML 1Page - Wall Industries,Inc. PSAQF240 Datasheet HTML 2Page - Wall Industries,Inc. PSAQF240 Datasheet HTML 3Page - Wall Industries,Inc. PSAQF240 Datasheet HTML 4Page - Wall Industries,Inc. PSAQF240 Datasheet HTML 5Page - Wall Industries,Inc. PSAQF240 Datasheet HTML 6Page - Wall Industries,Inc. PSAQF240 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wall Industries, Inc.
Rev C
PSAQF240 SERIES
Up to 240 Watts, AC/DC Switching Power Supplies
03/18/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
MECHANICAL DRAWINGS
DIN Rail Models (DN Type)
5.91 [150.0]
1.38 [35.0]
5.00 [127.0]
5.51 [140.0]
2.70 [68.5]
5.91 [150.0]
0.51
[13.0]
1
2
3
4
5
6
7
NOTES
1. Unit: inches [mm]
2. Tolerance: ±0.02 [±0.5]
3. Weight: 1.36 lbs (615g)
4. All dimensions are for reference only
PIN CONNECTIONS
PIN
ASSIGNMENT
1
AC IN (L)
2
AC IN (N)
3
FG
4
+DC OUT
5
+DC OUT
6
-DC OUT
7
-DC OUT
DIN Rail Accessory
1.73 [44.0]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com