| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HS9-1254RH-Q Datasheet
# Example questions:
➢ What is the maximum total dose of radiation that the hs-1254rh can withstand while maintaining predictable performance?
➢ How does the optional gnd pad connection affect the ttl compatibility of the disable inputs when using asymmetrical supplies?
➢ What are the physical dimensions of the die, specifically its size in both micrometers and mils?
# HS-1254RH
## Product Overview
Radiation Hardened Dual Operational Amplifier
️· QML Qualified (MIL-PRF-38535)
️· Radiation Hardened: Total Dose 3 x 10⁵ RAD(Si), SEL Immune
️· Low Quiescent Current (6.1mA max per amp)
️· Output Enable/Disable Time (160ns/20ns Typ)
️· Slew Rate (1050V/µs Typ)
️· Wide Bandwidth (530MHz Typ)
## Applications
️· High Speed A/D Drivers
️· Cable Drivers
️· Signal Switching/Routing
️· Redundant Circuit Multiplexing
️· Pulse Amplifiers
## Description
️· ±5V, Rad Hard, dual operational amplifier
️· Dielectric isolation, bonded wafer processing for SEL immunity
️· Individual disable control pins for wideband signal multiplexing
## Ordering Information
|SMD Part Number| Intersil Part Number| Temp. Range (°C) | Package |
|---|---|---|---|
| 5962R9858101VXC | HS9-1254RH-Q | -55 to 125 | 14 Ld Flatpack (CDFP3-F14) |
| N/A | HS9-1254RH/Sample | 25 | 14 Ld Flatpack (CDFP3-F14) |
## Die Characteristics
️· Size: 1750µm x 2330µm (69 mils x 92 mils)
️· Thickness: 483µm (19 mils)
️· Glassivation: Nitride, 4k Å ± 0.5k Å
️· Metallization: AlCu(2%)/TiW, AlCu(2%)
️· Substrate: DI, Bonded Wafer
️· Substrate Potential: Floating (Recommend connection to V-)
️· Transistor Count: 180
# HS-1254RH
## Product Overview
Radiation Hardened Dual Operational Amplifier
️· QML Qualified (MIL-PRF-38535)
️· Radiation Hardened: Total Dose 3 x 10⁵ RAD(Si), SEL Immune
️· Low Quiescent Current (6.1mA max per amp)
️· Output Enable/Disable Time (160ns/20ns Typ)
️· Slew Rate (1050V/µs Typ)
️· Wide Bandwidth (530MHz Typ)
## Applications
️· High Speed A/D Drivers
️· Cable Drivers
️· Signal Switching/Routing
️· Redundant Circuit Multiplexing
️· Pulse Amplifiers
## Description
️· ±5V, Rad Hard, dual operational amplifier
️· Dielectric isolation, bonded wafer processing for SEL immunity
️· Individual disable control pins for wideband signal multiplexing
## Ordering Information
| SMD Part Number | Intersil Part Number | Temp. Range (°C) | Package |
|---|---|---|---|
| 5962R9858101VXC | HS9-1254RH-Q | -55 to 125 | 14 Ld Flatpack (CDFP3-F14) |
| N/A | HS9-1254RH/Sample | 25 | 14 Ld Flatpack (CDFP3-F14) |
| Part No. | HS9-1254RH-Q |
| Manufacturer | INTERSIL |
| Size | 18 Kbytes |
| Pages | 3 pages |
| Description | Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |