Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS9-1254RH-Q Datasheet (PDF) - Intersil Corporation

HS9-1254RH-Q Datasheet PDF - Intersil Corporation
Part # HS9-1254RH-Q
Download  HS9-1254RH-Q Download
File Size   18.26 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable

HS9-1254RH-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
HS9-1254RH-Q Datasheet PDF - Intersil Corporation

Part # HS9-1254RH-Q
Download  HS9-1254RH-Q Click to download

File Size   18.26 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable

HS9-1254RH-Q Datasheet (HTML) - Intersil Corporation


HS9-1254RH-Q Product details

Description
The HS-1254RH is a ±5V, Rad Hard, monolithic, dual, current feedback amplifier that provides highly reliable performance in harsh radiation environments. Dielectric isolation and bonded wafer processing make this device immune to latch-up (SEL).

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• Radiation Environment
    - Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEL Immune . . . . . . . . . . . Bonded Wafer DI Process
• Low Quiescent Current (per amp) . . . . . . 6.1mA (Max)
• Disabled Supply Current (per amp) . . . . . 4.0mA (Max)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . 5.0mV (Max)
• Output Enable/Disable Time . . . . . . . 160ns/20ns (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . 1050V/µs (Typ)
• Wide -3dB Bandwidth (AV = +2) . . . . . . . 530MHz (Typ)

Applications
• High Speed A/D Drivers
• Cable Drivers
• Wideband Signal Switching and Routing
• Redundant Circuit Multiplexing
• Pulse Amplifiers




Similar Part No. - HS9-1254RH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS9-1135RH-Q RENESAS-HS9-1135RH-Q Datasheet
635Kb / 12P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
May 5, 2025
logo
Intersil Corporation
HS9-1135RH/PROTO INTERSIL-HS9-1135RH/PROTO Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
logo
Renesas Technology Corp
HS9-1135RH/PROTO RENESAS-HS9-1135RH/PROTO Datasheet
635Kb / 12P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
May 5, 2025
logo
Intersil Corporation
HS9-139EH-Q INTERSIL-HS9-139EH-Q Datasheet
181Kb / 3P
Radiation Hardened Quad Voltage Comparator
July 12, 2012
logo
Renesas Technology Corp
HS9-139EH-Q RENESAS-HS9-139EH-Q Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results


Similar Description - HS9-1254RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
1999 08
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
1999 08
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
August 1999
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com