| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about APTF1616SEJ3ZGGVBDC Datasheet
# Example questions:
➢ What is the typical forward voltage for the blue led at a forward current of 20ma?
➢ What is the recommended operating temperature range for these leds?
➢ What precautions should be taken when handling these leds to prevent damage?
# APTF1616SEJ3ZGGVBDC - 1.6x1.6mm FULL-COLOR LED
## Features
️· Dimensions: 1.6mm x 1.6mm x 0.7mm
️· Low power consumption
️· Capable of producing any visible color, including white light
️· Packaging: 2000pcs / reel
️· Moisture sensitivity level: Level 3
️· RoHS compliant
## Descriptions
️· Hyper Red: Based on AlGaInP LED chip.
️· Green: Based on InGaN LED chip.
️· Blue: Based on InGaN LED chip.
️· Electrostatic discharge and power surge can damage LEDs.
️· ESD protection (wrist band or glove) recommended.
️· Electrical grounding required for all devices and equipment.
️· Single mounting surface.
## Absolute Maximum Ratings
️· Power dissipation: 84mW (Hyper Red), 120mW (Green/Blue)
️· DC Forward Current: 30mA
️· Peak Forward Current: 150mA (Hyper Red), 100mA (Green/Blue)
️· Reverse Voltage: 5V
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -40°C to +85°C
## Electrical / Optical Characteristics (TA=25°C)
️· Peak Wavelength (λpeak): 640nm (Hyper Red), 520nm (Green), 465nm (Blue)
️· Dominant Wavelength (λD): 625nm (Hyper Red), 525nm (Green), 470nm (Blue)
️· Spectral Line Half-width (Δλ1/2): 25nm (Hyper Red), 35nm (Green), 22nm (Blue)
️· Capacitance (C): 27pF (Hyper Red), 100pF (Green/Blue)
️· Forward Voltage (VF): 2.2V (Hyper Red), 3.2V (Green), 2.8V-4V (Blue)
️· Reverse Current (IR): 10μA (Hyper Red), 50μA (Green/Blue)
## Viewing Angle
️· 120° (Hyper Red)
## Soldering Conditions
️· Reflow soldering recommended. Specific profiles are available in the datasheet.
## Packaging
️· Standard reel and tape packaging.
## Important Notes
️· Refer to the full datasheet for detailed specifications, including soldering profiles and reliability information.
️· Kingbright is not responsible for issues arising from usage beyond specified limits.
️· For critical applications (automotive, medical), consult with Kingbright for further assistance.
# APTF1616SEJ3ZGGVBDC - 1.6x1.6mm FULL-COLOR LED
## Features
️· Dimensions: 1.6mm x 1.6mm x 0.7mm
️· Low power consumption
️· Capable of producing any visible color, including white light
️· Packaging: 2000pcs / reel
️· Moisture sensitivity level: Level 3
️· RoHS compliant
## Descriptions
️· Hyper Red: Based on AlGaInP LED chip.
️· Green: Based on InGaN LED chip.
️· Blue: Based on InGaN LED chip.
️· Electrostatic discharge and power surge can damage LEDs.
️· ESD protection (wrist band or glove) recommended.
️· Electrical grounding required for all devices and equipment.
️· Single mounting surface.
## Absolute Maximum Ratings
️· Power dissipation: 84mW (Hyper Red), 120mW (Green/Blue)
️· DC Forward Current: 30mA
️· Peak Forward Current: 150mA (Hyper Red), 100mA (Green/Blue)
️· Reverse Voltage: 5V
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -40°C to +85°C
## Electrical / Optical Characteristics (TA=25°C)
️· Peak Wavelength (λpeak): 640nm (Hyper Red), 520nm (Green), 465nm (Blue)
️· Dominant Wavelength (λD): 625nm (Hyper Red), 525nm (Green), 470nm (Blue)
️· Spectral Line Half-width (Δλ1/2): 25nm (Hyper Red), 35nm (Green), 22nm (Blue)
️· Capacitance (C): 27pF (Hyper Red), 100pF (Green/Blue)
️· Forward Voltage (VF): 2.2V (Hyper Red), 3.2V (Green), 2.8V-4V (Blue)
️· Reverse Current (IR): 10μA (Hyper Red), 50μA (Green/Blue)
## Viewing Angle
️· 120° (Hyper Red)
## Soldering Conditions
️· Reflow soldering recommended. Specific profiles are available in the datasheet.
## Packaging
️· Standard reel and tape packaging.
## Important Notes
️· Refer to the full datasheet for detailed specifications, including soldering profiles and reliability information.
️· Kingbright is not responsible for issues arising from usage beyond specified limits.
️· For critical applications (automotive, medical), consult with Kingbright for further assistance.
| Part No. | APTF1616SEJ3ZGGVBDC |
| Manufacturer | KINGBRIGHT |
| Size | 291 Kbytes |
| Pages | 7 pages |
| Description | Low power consumption |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |