Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APTF1616SEJ3ZGGVBDC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APTF1616SEJ3ZGGVBDC
Description  Low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTF1616SEJ3ZGGVBDC Datasheet(HTML) 1 Page - Kingbright Corporation

  APTF1616SEJ3ZGGVBDC Datasheet HTML 1Page - Kingbright Corporation APTF1616SEJ3ZGGVBDC Datasheet HTML 2Page - Kingbright Corporation APTF1616SEJ3ZGGVBDC Datasheet HTML 3Page - Kingbright Corporation APTF1616SEJ3ZGGVBDC Datasheet HTML 4Page - Kingbright Corporation APTF1616SEJ3ZGGVBDC Datasheet HTML 5Page - Kingbright Corporation APTF1616SEJ3ZGGVBDC Datasheet HTML 6Page - Kingbright Corporation APTF1616SEJ3ZGGVBDC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAM6939
REV NO: V.3B
DATE: MAR/13/2015
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203013240
1.6x1.6mm FULL-COLOR SURFACE MOUNT
LED
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APTF1616SEJ3ZGGVBDC
Hyper Red
Green
Blue
Features
1.6mmX1.6mm SMT LED, 0.7mm thickness.
Low power consumption.
Can produce any color in visible spectrum, including
white light.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Descriptions
The Hyper Red device is based on light emitting diode
chip made from AlGaInP.
The Green source color devices are made with InGaN
Light Emitting Diode.
The Blue source color devices are made with InGaN
Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APTF1616SEJ3ZGGVBDC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTF1616SEEVGAPBAC KINGBRIGHT-APTF1616SEEVGAPBAC Datasheet
247Kb / 7P
1.6x1.6mm FULL-COLOR SURFACE MOUNT LED
APTF1616SEEZGKQBKC KINGBRIGHT-APTF1616SEEZGKQBKC Datasheet
289Kb / 7P
Low power consumption
logo
HK TO-GRACE TECHNOLOGY ...
APTF1616SEEZGKQBKC TO-GRACE-APTF1616SEEZGKQBKC Datasheet
1Mb / 4P
1.6 x 1.6 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APTF1616SEEZGQBDC KINGBRIGHT-APTF1616SEEZGQBDC Datasheet
309Kb / 4P
1.6 x 1.6 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APTF1616SEEZGQBDC TO-GRACE-APTF1616SEEZGQBDC Datasheet
1Mb / 4P
1.6 x 1.6 mm Full-Color Surface Mount LED
More results

Similar Description - APTF1616SEJ3ZGGVBDC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com