| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA010B-700C Datasheet
# Example questions:
➢ How does the driver respond to an open circuit condition on the output?
➢ What is the maximum allowable input current for this led driver at 100vac?
➢ What is the minimum operating temperature for this led driver?
# PDA010B 10W LED Driver
## Features
· Constant Current Output
· OVP, OCP, Short/Open Circuit Protection
· UL8750, SELV Compliant
· IP20 Rated, Low Profile Design
· 20K Hour Lifetime
## Applications
· Indoor Lighting
· Architectural Lighting
## Electrical Specifications
· Input Voltage: 90-132VAC, 100-127VAC Nominal
· Output Power: 9W (Maximum)
· Efficiency: 70% (Minimum at Full Load)
· Power Factor: ≥0.95 (at Full Load)
· Output Current: 650-750mA (Typical 700mA)
· Output Voltage: 7.5V - 12V
## Environmental & Mechanical
· Operating Temperature: -20°C to +50°C
· Storage Temperature: -40°C to +85°C
· Operating/Storage Humidity: 10-95%
· Weight: 85g (3oz)
· Dimensions: 106mm (L) x 40mm (W) x 21mm (H)
· Input/Output Connection: 2-Pin Terminal Block
· Wire Gauge: AWG10-24
## Protections
· Input Over Current: 1.6A Fuse
· Short Circuit Protection
· Output Over Voltage Protection (Latched)
· Open Circuit Protection (<14.4V Output)
## Compliance & Approvals
· cUL/UL, PSE
· EMC: EN55015, FCC 47 Part 15, EN55022 Class B
· Immunity: IEC61000-4-2, IEC61000-4-5, IEC61000-3-2 Class C, IEC61000-3-3
· Isolation: 3750VAC (1 min), >5M Ohms @ 500VDC (1 min)
## Warranty
· 3 Years
# PDA010B 10W LED Driver
## Features
· Constant Current Output
· OVP, OCP, Short/Open Circuit Protection
· UL8750, SELV Compliant
· IP20 Rated, Low Profile Design
· 20K Hour Lifetime
## Applications
· Indoor Lighting
· Architectural Lighting
## Electrical Specifications
· Input Voltage: 90-132VAC, 100-127VAC Nominal
· Output Power: 9W (Maximum)
· Efficiency: 70% (Minimum at Full Load)
· Power Factor: ≥0.95 (at Full Load)
· Output Current: 650-750mA (Typical 700mA)
· Output Voltage: 7.5V - 12V
## Environmental & Mechanical
· Operating Temperature: -20°C to +50°C
· Storage Temperature: -40°C to +85°C
· Operating/Storage Humidity: 10-95%
· Weight: 85g (3oz)
· Dimensions: 106mm (L) x 40mm (W) x 21mm (H)
· Input/Output Connection: 2-Pin Terminal Block
· Wire Gauge: AWG10-24
## Protections
· Input Over Current: 1.6A Fuse
· Short Circuit Protection
· Output Over Voltage Protection (Latched)
· Open Circuit Protection (<14.4V Output)
## Compliance & Approvals
· cUL/UL, PSE
· EMC: EN55015, FCC 47 Part 15, EN55022 Class B
· Immunity: IEC61000-4-2, IEC61000-4-5, IEC61000-3-2 Class C, IEC61000-3-3
· Isolation: 3750VAC (1 min), >5M Ohms @ 500VDC (1 min)
## Warranty
· 3 Years
| Part No. | PDA010B-700C |
| Manufacturer | PHIHONG |
| Size | 142 Kbytes |
| Pages | 3 pages |
| Description | 10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting |