Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PDA010B-700C Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA010B-700C
Description  10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA010B-700C Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA010B-700C Datasheet HTML 1Page - Phihong USA Inc. PDA010B-700C Datasheet HTML 2Page - Phihong USA Inc. PDA010B-700C Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 11/28/2011
WWW.PHIHONG.COM
10W LED Driver with 700mA Constant Current
PDA010B LED Power Supply for Indoor Lighting
Features
 Constant Current
 UL8750 Compliant
 OVP, OCP, Short/Open Circuit
Protection
 SELV Compliant
 Brownout/Brownout Recovery
 IP20 Rating
 Low Profile Design
Applications
 Indoor Lighting
 Architectural Lighting
Safety Approvals
 cUL/UL
 PSE
Mechanical Characteristics
 Length: 106mm (4.17in)
 Height: 21mm (0.83in)
 Width: 40mm (1.57in)
 Weight: 85g (3oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output Voltage Range
Output Current Range
Max
Power
Min.
Typ.
Max.
Min.
Typ.
Max.
PDA010B-700C
7.5V
-
12V
650mA
700mA
750mA
9W


Similar Part No. - PDA010B-700C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA010A-700C PHIHONG-PDA010A-700C Datasheet
154Kb / 3P
10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA010N-1A0B-R PHIHONG-PDA010N-1A0B-R Datasheet
272Kb / 3P
10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
PDA010N-350B-R PHIHONG-PDA010N-350B-R Datasheet
272Kb / 3P
10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
PDA010N-700B-R PHIHONG-PDA010N-700B-R Datasheet
272Kb / 3P
10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
More results

Similar Description - PDA010B-700C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-700C-H PHIHONG-PDA006A-700C-H Datasheet
164Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
6W LED Driver with 700mA Constant Current LED Power Supply
PDA010A-700C PHIHONG-PDA010A-700C Datasheet
154Kb / 3P
10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA015A-350C PHIHONG-PDA015A-350C Datasheet
134Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
PDA015B-350C PHIHONG-PDA015B-350C Datasheet
127Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
PDA028A-1A4B-R PHIHONG-PDA028A-1A4B-R Datasheet
142Kb / 3P
28W LED Driver with 1400mA Constant Current LED Power Supply for Residential Lighting
PDA030A-700C PHIHONG-PDA030A-700C Datasheet
145Kb / 2P
30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
PDA030B-700C PHIHONG-PDA030B-700C Datasheet
132Kb / 2P
30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
PDA006A-700C PHIHONG-PDA006A-700C Datasheet
164Kb / 3P
6W LED Driver with 700mA Constant Current PDA006A LED Power Supply
PDA006B-700C PHIHONG-PDA006B-700C Datasheet
150Kb / 3P
6W LED Driver with 700mA Constant Current PDA006B LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com