Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDA6V1W5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ESDA6V1W5 Datasheet

  • # Example questions: ➢ What is the maximum peak pulse power, as specified for an 8/20μs pulse, that the esda6v1w5 can withstand?
    ➢ Within what temperature range can the esda6v1w5 be safely stored, and what is its operating temperature range?
    ➢ What standards does the esda6v1w5 comply with regarding esd protection, specifically concerning air and contact discharge levels?

  • Part No.ESDA6V1W5
    ManufacturerBWTECH
    Size505 Kbytes
    Pages4 pages
    DescriptionTransil array for data protection
    Datasheet Summary with AI

    # ESDA6V1W5 - Transil Array for Data Protection

    ## Description

    The ESDA6V1W5 is a monolithic suppressor designed to protect components connected to data and transmission lines against ESD, clamping voltage above logic level supply for positive transients and below ground for negative transients.

    ## Features

    · 4 Unidirectional Transil functions
    · Low leakage current: < 1 μA
    · Small PCB area: < 4.2 mm²
    · RoHS Compliant

    ## Applications

    · Computers
    · Printers
    · Communication systems
    · Cellular phones
    · Telephone sets
    · Set top boxes

    ## Standards Compliance

    · IEC61000-4-2 (Level 4: 15 kV air discharge, 8 kV contact discharge)
    · MIL STD 883E - Method 3015-7 Class 3
    · 25 kV HBM (Human Body Model)

    ## Absolute Ratings

    Parameter Value Unit
    Peak Pulse Power (tp = 8/20μs) 150 W
    Maximum lead temperature for soldering 260 °C
    Storage Temperature Range -40 to +125 °C
    Operating Temperature Range -40 to +125 °C

    ## Electrical Characteristics

    Parameter VBR IT VRWM IR VF IF C
    Value Min. Typ. Max. Max. Max. Max. Typ. 0v bias
    ESDA6V1W5 6.1 6.7 7.2 1 5 1 1.25
    (Units: V, mA, μA, V, mA)

    ## Packing & Order Information

    · 3,000 per Reel

    # ESDA6V1W5 - Transil Array for Data Protection

    ## Description

    The ESDA6V1W5 is a monolithic suppressor designed to protect components connected to data and transmission lines against ESD, clamping voltage above logic level supply for positive transients and below ground for negative transients.

    ## Features

    · 4 Unidirectional Transil functions
    · Low leakage current: < 1 μA
    · Small PCB area: < 4.2 mm²
    · RoHS Compliant

    ## Applications

    · Computers
    · Printers
    · Communication systems
    · Cellular phones
    · Telephone sets
    · Set top boxes

    ## Standards Compliance

    · IEC61000-4-2 (Level 4: 15 kV air discharge, 8 kV contact discharge)
    · MIL STD 883E - Method 3015-7 Class 3
    · 25 kV HBM (Human Body Model)

    ## Absolute Ratings

    Parameter Value Unit
    Peak Pulse Power (tp = 8/20μs) 150 W
    Maximum lead temperature for soldering 260 °C
    Storage Temperature Range -40 to +125 °C
    Operating Temperature Range -40 to +125 °C

    ## Electrical Characteristics

    Parameter VBR IT VRWM IR VF IF C
    Value Min. Typ. Max. Max. Max. Max. Typ. 0v bias
    ESDA6V1W5 6.1 6.7 7.2 1 5 1 1.25
    (Units: V, mA, μA, V, mA)

    ## Packing & Order Information

    · 3,000 per Reel

    Part No.ESDA6V1W5
    ManufacturerBWTECH
    Size505 Kbytes
    Pages4 pages
    DescriptionTransil array for data protection