Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDA6V1W5 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESDA6V1W5
Description  Transil array for data protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDA6V1W5 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESDA6V1W5 Datasheet HTML 1Page - Bruckewell Technology LTD ESDA6V1W5 Datasheet HTML 2Page - Bruckewell Technology LTD ESDA6V1W5 Datasheet HTML 3Page - Bruckewell Technology LTD ESDA6V1W5 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESDA6V1W5
Transil array for data protection
Publication Order Number: [ESDA6V1W5]
© Bruckewell Technology Corporation Rev. A -2016
Description
The ESDA6V1W5 is monolithic suppressor designed to
protect components connected to data and transmission
lines against ESD. This device clamps the voltage just
above the logic level supply for positive transients and to
a diode drop below ground for negative transients.
Features
• 4 Unidirectional Transil functions
Low leakage current: < 1 μA
• Very small PCB area < 4.2 mm 2 typically
• High integration
• RoHS Compliant Package
Application
• Computers
• Printers
• Communication systems
• Cellular phones handsets and accessories
• Wireline and wireless telephone sets
• Set top boxes
Complies with the following standards
•IEC61000-4-2
•Level 4 15 kV (air discharge)
8 kV(contact discharge)
•MIL STD 883E - Method 3015-7 Class 3
•25 kV HBM (Human Body Model)
Packing &Order Information
3,000/Reel
Graphic symbol
SOT-353package


Similar Part No. - ESDA6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1W5 STMICROELECTRONICS-ESDA6V1W5 Datasheet
60Kb / 7P
QUAL TRANSIL ARRAY FOR ESD PROTECTION
1999-Sep
ESDA6V1W5 STMICROELECTRONICS-ESDA6V1W5 Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
logo
WILLAS ELECTRONIC CORP
ESDA6V1W5 WILLAS-ESDA6V1W5 Datasheet
340Kb / 3P
Transient Voltage Suppressors for ESD Protection
logo
Shanghai Leiditech Elec...
ESDA6V1W5 LEIDITECH-ESDA6V1W5 Datasheet
136Kb / 3P
USB 2.0 power and data line
logo
STMicroelectronics
ESDA6V1W5 STMICROELECTRONICS-ESDA6V1W5 Datasheet
110Kb / 11P
TRANSIL array for data protection
29-Aug-2005
More results

Similar Description - ESDA6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXXWX STMICROELECTRONICS-ESDAXXXWX Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
Bidirectional Transil??array for data line protection
15-Nov-2007
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5_06 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
ITAXXU1 STMICROELECTRONICS-ITAXXU1_07 Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
logo
Leshan Radio Company
LESDA6V1W6T1G LRC-LESDA6V1W6T1G Datasheet
344Kb / 4P
Transil array for data protection
logo
STMicroelectronics
SOT323-3L STMICROELECTRONICS-SOT323-3L Datasheet
110Kb / 11P
TRANSIL array for data protection
29-Aug-2005
logo
Bruckewell Technology L...
ESDA6V1W6 BWTECH-ESDA6V1W6 Datasheet
426Kb / 4P
Transil array for data protection
logo
First Silicon Co., Ltd
ESDA6V1W6 FS-ESDA6V1W6 Datasheet
236Kb / 4P
Transil array for data protection
logo
AiT Semiconductor Inc.
ESDA6V1W6 AITSEMI-ESDA6V1W6 Datasheet
553Kb / 8P
TRANSIL ARRAY FOR DATA PROTECTION
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com