| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SLX-6ES-4SC Datasheet
# Example questions:
➢ Can you list at least three features that contribute to this performance?
➢ What is the primary difference between the slx and sl models of the switch, and what environmental benefit does the slx model offer?
➢ What certifications and compliances does this switch adhere to, demonstrating its suitability for various industrial environments?
## SL/SLX-6ES-4/5 Industrial Ethernet Switch - Summary
This document details the SL/SLX-6ES-4/5, a ruggedized, unmanaged, 6-port industrial Ethernet switch designed for reliable, real-time operation in harsh environments.
Key Features:
️· Ports: 4x 10/100BaseTX RJ45 ports, 2x 100Mbps Fiber Optic Ports
️· Ruggedness: Designed for industrial applications with wide operating temperature range (-40 to +85°C for SLX model), vibration/shock resistance, and certifications for hazardous locations.
️· Ease of Use: Plug-and-play operation, requiring no configuration.
️· Reliability: >1,000,000 hour MTBF, dual power inputs, self-test/alarm contact.
️· Models: Available in two versions:
- SLX: Aluminum case, wider operating temperature range.
- SL: Lexan case, standard operating temperature.
️· Fiber Optic Support: Supports both Multimode (4km) and Singlemode (up to 120km) fiber optic cables.
Target Applications: Industrial automation, networking in demanding environments where reliability and real-time performance are critical.
Key Specifications:
️· Power Input: 10-30 VDC
️· Ingress Protection: IP30 (SL), IP40 (SLX)
️· Compliance: UL, CSA, CE, RoHS, WEEE.
This document provides a comprehensive overview of the switch's features, specifications, and capabilities, making it a valuable resource for anyone considering this product for their industrial networking needs.
## SL/SLX-6ES-4/5 Industrial Ethernet Switch - Summary
This document details the SL/SLX-6ES-4/5, a ruggedized, unmanaged, 6-port industrial Ethernet switch designed for reliable, real-time operation in harsh environments.
Key Features:
️· Ports: 4x 10/100BaseTX RJ45 ports, 2x 100Mbps Fiber Optic Ports
️· Ruggedness: Designed for industrial applications with wide operating temperature range (-40 to +85°C for SLX model), vibration/shock resistance, and certifications for hazardous locations.
️· Ease of Use: Plug-and-play operation, requiring no configuration.
️· Reliability: >1,000,000 hour MTBF, dual power inputs, self-test/alarm contact.
️· Models: Available in two versions:
- SLX: Aluminum case, wider operating temperature range.
- SL: Lexan case, standard operating temperature.
️· Fiber Optic Support: Supports both Multimode (4km) and Singlemode (up to 120km) fiber optic cables.
Target Applications: Industrial automation, networking in demanding environments where reliability and real-time performance are critical.
Key Specifications:
️· Power Input: 10-30 VDC
️· Ingress Protection: IP30 (SL), IP40 (SLX)
️· Compliance: UL, CSA, CE, RoHS, WEEE.
| Part No. | SLX-6ES-4SC |
| Manufacturer | REDLION |
| Size | 488 Kbytes |
| Pages | 2 pages |
| Description | Unmanaged Industrial Ethernet Switches |