Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLX-6ES-4SC Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # SLX-6ES-4SC
Description  Unmanaged Industrial Ethernet Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-6ES-4SC Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  SLX-6ES-4SC Datasheet HTML 1Page - Red Lion Controls. Inc SLX-6ES-4SC Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL/SLX-6ES-4/5 Industrial Ethernet Switch Specifications
CONNECT. MONITOR. CONTROL
WWW.SIXNET.COM
ADLD0204-SL/SLX-6ES-4/5
© 2013 Red Lion Controls. All Rights Reserved. 020613
SL/SLX-6ES-4/5
6 PORT INDUSTRIAL ETHERNET UNMANAGED SWITCH
ETHERNET PERFORMANCE
n
4 fast RJ45 and 2 fiber optic ports
n
Unmanaged, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 ports (shielded) 10/100BaseTX
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Fiber on ports 5 and 6
n
Fiber optic port speed: 100 Mbps
n
Fiber typical specs (see separate datasheet for details)
p
Multimode, 4 km, 1310 nm, 50-62.5/125 µm
p
Singlemode, 20 km, 1310 nm, 9-10/125 µm
p
Singlemode, 60 km, 1310 nm, 9-10/125 µm
p
Long haul, up to 120 km, 1550 nm, 9-10/125 µm
n
Typical latency (varies on load & settings)
p
@ 10 Mbps: 16 us + frame time
p
@ 100 Mbps: 5 us + frame time
n
Full duplex operation with flow control
n
MAC addresses supported 1024
n
Memory bandwidth 3.2 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET COMPLIANCE
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
POWER INPUT
n
Redundant input terminals
n
Reverse polarity protection
n
Input power (typ. with all ports active)
p
5 W (-4/5 model w/ 2 fiber)
n
Power input voltage 10-30 VDC
n
Transient protection 15,000 watts peak
n
Spike protection 5,000 watts (10x for 10 uS)
ENVIRONMENTAL
n
Operating temperature:
p
SLX models: -40 to +85°C (cold startup at -40°C)
p
SL models: -40 to +60°C
n
Storage temperature: -40 to +85°C
n
Humidity (non-condensing) 5 to 95% RH (optional conformal
coating is available)
n
Vibration and shock – IEC60068-2-6, and -27
n
Maximum Operating Altitude: 30,000 ft. (SLX models)
All specifications are subject to change. Contact Sixnet to learn more.
ORDERING GUIDE
SLX-6ES-4SC 4 RJ45 ports, 2 multimode SC, 4 km
SLX-6ES-4ST
4 RJ45 ports, 2 multimode ST, 4 km
SLX-6ES-5SC 4 RJ45 ports, 2 singlemode SC, 20 km
SLX-6ES-5ST
4 RJ45 ports, 2 singlemode ST, 20 km
SLX-6ES-5SCL 4 RJ45 ports, 2 singlemode SC, 60 km
SLX-6ES-5STL 4 RJ45 ports, 2 singlemode ST, 60 km
SL-
w/ Lexan case and limited temperature
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge and lightning
protector for the 10/100 ports only
“OK” ALARM OUTPUT
n
Indicates power & operational status
n
Voltage same as switch input voltage
n
Maximum current output 0.5 Amp
PHYSICAL
n
DIN rail or direct panel mounting
n
Case – Aluminum (SLX) or Lexan (SL)
n
Ingress protection:
p
SL models: IP30
p
SLX models: IP40
n
Weight – SLX: 0.23 kg (8 oz.); SL: 0.17 kg (6 oz.)
n
Dimensions – see mechanical diagram
STANDARDS COMPLIANCE
n
Electrical safety – UL508 / CSA C22.2/142; EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-2/4
n
Hazardous locations – ANSI/ ISA 12.12.01 / CSA C22.2/213
(Class I, Div. 2); EN60079-15 (Zone 2, Category 3),
CE (ATEX)
n
Maritime – designed for marine and offshore per ABS
n
RoHS and WEEE compliant
MECHANICAL DRAWING
3.26"
[8.28 cm]
4.20"
[10.67 cm]
1.50"
[3.81 cm)
3.72"
[9.45 cm]
3.00"
[7.62 cm]
SL with
Lexan Case
SLX with
Metal Case
3.79"
[9.63 cm]
4.50"
[11.43 cm]
4.00"
[10.16 cm]
SLX
SL
See the User Manual for a More Detailed Diagram
NOTE: Contact Sixnet for special or long haul fiber transceivers up to 120 km
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0204 091916 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com