Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XR81112 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XR81112 Datasheet

  • # Example questions: ➢ What are the four output frequency configurations selectable via the fsel[1:0] pins, and what happens if these pins are left floating?
    ➢ What is the operating temperature range specified for the xr81112, and what packaging options are available?
    ➢ Describe the recommended termination schemes for both lvpecl and lvds outputs, and why are they necessary?

  • Part No.XR81112
    ManufacturerEXAR
    Size256 Kbytes
    Pages12 pages
    DescriptionUniversal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
    Datasheet Summary with AI

    1. Overview & Function

    ️· What it is: The XR81112 is a Universal Clock generator. It's a device designed to create multiple clock signals for various applications.
    ️· Key Features:
    - Supports multiple output frequencies (up to 4, selectable via FSEL pins).
    - Can output LVPECL, LVDS, and standard CMOS signals.
    - High-performance with excellent phase noise characteristics.
    ️· Applications: WAN (Wide Area Network) equipment, Synchronous data transmission, any application needing stable, precisely timed clocks.

    2. Pinout and Functionality

    ️· FSEL0, FSEL1: These pins select one of four predefined output frequencies.
    ️· OE (Output Enable): Active-high input. Outputs are enabled when OE is high, disabled when low. (typically CMOS compatible)
    ️· Q, Q: Positive and inverted outputs.
    ️· VCC, VEE: Power supply pins. (Typically 3.3V and -2.5V or -3.3V. Confirm voltage requirements from the datasheet for the specific model.)
    ️· Internal Pull-Downs: FSEL pins have internal pull-down resistors, so they default to Frequency #1 if left floating.

    3. Output Frequency Selection

    FSEL[1:0] Output Frequency (MHz)
    00 Frequency #1
    01 Frequency #2
    10 Frequency #3
    11 Frequency #4

    4. Output Signal Types & Termination

    ️· LVPECL: Requires termination resistors (typically 50 ohms). Figure 5 & 6 illustrate proper termination schemes. Use Y-termination as an alternative.
    ️· LVDS: Requires a 100-ohm resistor across the differential pair as close to the load as possible.

    5. Performance Characteristics

    ️· Phase Noise: Excellent phase noise performance (see figures 1-4) is critical for maintaining signal integrity in high-speed communication systems.
    ️· Output Timing: Detailed in Figure 11.

    6. Mechanical Dimensions

    ️· 12-Pin QFN package.

    7. Ordering Information

    ️· XR81112-F: 12-pin QFN, operating temperature -40°C to +85°C.

    Key Takeaways & Considerations

    ️· Termination is Crucial: Proper termination is essential for achieving optimal performance and avoiding signal reflections. Understand the specific requirements for the output signal type (LVPECL or LVDS).
    ️· Frequency Selection: Carefully plan how you'll configure the FSEL pins to achieve the desired output frequencies.
    ️· Power Supply: Verify the required power supply voltages (VCC and VEE) and ensure they are stable and within tolerance.
    ️· Datasheet is your guide: The datasheet provided is the definitive source for detailed specifications, timing diagrams, and application guidelines.

    1. Overview & Function

    ️· What it is: The XR81112 is a Universal Clock generator. It's a device designed to create multiple clock signals for various applications.
    ️· Key Features:
    - Supports multiple output frequencies (up to 4, selectable via FSEL pins).
    - Can output LVPECL, LVDS, and standard CMOS signals.
    - High-performance with excellent phase noise characteristics.
    ️· Applications: WAN (Wide Area Network) equipment, Synchronous data transmission, any application needing stable, precisely timed clocks.

    2. Pinout and Functionality

    ️· FSEL0, FSEL1: These pins select one of four predefined output frequencies.
    ️· OE (Output Enable): Active-high input. Outputs are enabled when OE is high, disabled when low. (typically CMOS compatible)
    ️· Q, Q: Positive and inverted outputs.
    ️· VCC, VEE: Power supply pins. (Typically 3.3V and -2.5V or -3.3V. Confirm voltage requirements from the datasheet for the specific model.)
    ️· Internal Pull-Downs: FSEL pins have internal pull-down resistors, so they default to Frequency #1 if left floating.

    3. Output Frequency Selection

    FSEL[1:0] Output Frequency (MHz)
    00 Frequency #1
    01 Frequency #2
    10 Frequency #3
    11 Frequency #4

    4. Output Signal Types & Termination

    ️· LVPECL: Requires termination resistors (typically 50 ohms). Figure 5 & 6 illustrate proper termination schemes. Use Y-termination as an alternative.
    ️· LVDS: Requires a 100-ohm resistor across the differential pair as close to the load as possible.

    5. Performance Characteristics

    ️· Phase Noise: Excellent phase noise performance (see figures 1-4) is critical for maintaining signal integrity in high-speed communication systems.
    ️· Output Timing: Detailed in Figure 11.

    6. Mechanical Dimensions

    ️· 12-Pin QFN package.

    7. Ordering Information

    ️· XR81112-F: 12-pin QFN, operating temperature -40°C to +85°C.

    Key Takeaways & Considerations

    ️· Termination is Crucial: Proper termination is essential for achieving optimal performance and avoiding signal reflections. Understand the specific requirements for the output signal type (LVPECL or LVDS).
    ️· Frequency Selection: Carefully plan how you'll configure the FSEL pins to achieve the desired output frequencies.
    ️· Power Supply: Verify the required power supply voltages (VCC and VEE) and ensure they are stable and within tolerance.
    ️· Datasheet is your guide: The datasheet provided is the definitive source for detailed specifications, timing diagrams, and application guidelines.

    Part No.XR81112
    ManufacturerEXAR
    Size256 Kbytes
    Pages12 pages
    DescriptionUniversal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer