Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XR81112 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR81112
Description  Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81112 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR81112 Datasheet HTML 4Page - Exar Corporation XR81112 Datasheet HTML 5Page - Exar Corporation XR81112 Datasheet HTML 6Page - Exar Corporation XR81112 Datasheet HTML 7Page - Exar Corporation XR81112 Datasheet HTML 8Page - Exar Corporation XR81112 Datasheet HTML 9Page - Exar Corporation XR81112 Datasheet HTML 10Page - Exar Corporation XR81112 Datasheet HTML 11Page - Exar Corporation XR81112 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2014 Exar Corporation
XR81112
9 / 12
exar.com/XR81112
Rev 1A
Application Information
Functional Truth Table
The XR81112 Universal Clock can support up to 4 individual
output frequency configurations. Once configured, the two
frequency select pins, FSLEL[1:0], will determine the output
frequency from the device. This allows the XR81112 to sup-
port a variety of applications. If the FSEL pins are left float-
ing, the XR81112 will default (with internal pull-down
resistors on the FSEL inputs) to the Frequency #1 output.
Termination for LVPECL Outputs
The termination schemes shown in Figure 5 and Figure 6
are typical for LVPECL outputs. Matched impedance layout
techniques should be used for the LVPECL output pairs to
minimize any distortion that could impact your maximum
operating frequency. Figure 7 is an alternate termination
scheme that uses a Y-termination approach.
Figure 5: XR81112 3.3V LVPECL Output Termination
Figure 6: XR81112 2.5V LVPECL Output Termination
Figure 7: XR81112 Alternate LVPECL Output Termination
Using Y-termination
Termination for LVDS Outputs
The termination schemes shown in Figure 8 and Figure 9
are typical for LVDS outputs. LVDS swing is a small , typi-
cally 350mV, on 1.2V of common mode. The LVDS output
pair needs a 100
resistor across the differential pair as
close to the destination as possible.
Figure 8: XR81112 3.3V LVDS Output Termination
Table 1: Output Frequency Selection
FSEL[1:0]
Output Frequency (MHz)
00
Frequency #1
01
Frequency #2
10
Frequency #3
11
Frequency #4
3.3V
3.3V
3.3V
50
50
130
130
82
82
LVPECL
Output
LVPECL
Input
2.5V
2.5V
2.5V
50
50
LVPECL
Output
LVPECL
Input
VCC
VCC
50
50
50
50
LVPECL
Output
LVPECL
Input
RTT
For 3.3V systems RTT= 50
For 2.5V systems RTT= 19
3.3V
3.3V
50
50
100
LVDS
Output
LVDS
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com