Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U4285BM Datasheet (PDF) - ATMEL Corporation

U4285BM Datasheet PDF - ATMEL Corporation
Part # U4285BM
Download  U4285BM Download
File Size   222.82 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Reference Oscillator up to 15 MHz

U4285BM Datasheet (PDF)

Go To PDF Page Download Datasheet
U4285BM Datasheet PDF - ATMEL Corporation

Part # U4285BM
Download  U4285BM Click to download

File Size   222.82 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Reference Oscillator up to 15 MHz

U4285BM Datasheet (HTML) - ATMEL Corporation




Similar Part No. - U4285BM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
AM / FM - PLL
U4285BM-AFS TEMIC-U4285BM-AFS Datasheet
138Kb / 10P
AM / FM - PLL
U4285BM-AFSG3 TEMIC-U4285BM-AFSG3 Datasheet
138Kb / 10P
AM / FM - PLL
More results


Similar Description - U4285BM

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
Supports up to 15??laptops.
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
Reference Oscillator up to 15 MHz
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
Reference Oscillator up to 15 MHz
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com