Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE272 Datasheet (PDF) - NTE Electronics

NTE272 Datasheet PDF - NTE Electronics
Part # NTE272
Download  NTE272 Download
File Size   22.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Darlington Complementary Power Amplifiers

NTE272 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE272 Datasheet PDF - NTE Electronics

Part # NTE272
Download  NTE272 Click to download

File Size   22.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Darlington Complementary Power Amplifiers

NTE272 Datasheet (HTML) - NTE Electronics


NTE272 Product details

Description:

The NTE272 (NPN) and NTE273 (PNP) are silicon complementary Power Amplifiers in a TO202 type case designed for use in complementary amplifiers and driver applications.



Features:

• High DC Current Gain:

   hFE = 25,000 (Min) @ IC = 200mA

         = 15,000 (Min) @ IC = 500mA

• Collector–Emitter Breakdown Voltage:

   V(BR)CES = 40V @ IC = 500mA

• Low Collector–Emitter Saturation Voltage:

   VCE(sat) = 1.5V @ IC = 1A

• Monolithic Construction for High Reliability



 




Similar Part No. - NTE272

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE27 NTE-NTE27 Datasheet
22Kb / 2P
Germanium PNP Transistor High Current, High Gain Amp
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2708 NTE-NTE2708 Datasheet
30Kb / 4P
Integrated Circuit NMOS, 8K UV EPROM, 450ns
NTE2708 NTE-NTE2708 Datasheet
165Kb / 1P
MICROPROCESSOR & MEMORY CIRCUITS
NTE271 NTE-NTE271 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
More results


Similar Description - NTE272

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
Tiger Electronic Co.,Lt...
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com