Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDH45N50F Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

FDH45N50F Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # FDH45N50F
Download  FDH45N50F Download
File Size   980.91 Kbytes
Page   3 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 50A,500V N-Channel Type Planar Process Power MOSFET

FDH45N50F Datasheet (PDF)

Go To PDF Page Download Datasheet
FDH45N50F Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # FDH45N50F
Download  FDH45N50F Click to download

File Size   980.91 Kbytes
Page   3 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 50A,500V N-Channel Type Planar Process Power MOSFET

FDH45N50F Datasheet (HTML) - Thinki Semiconductor Co., Ltd.


FDH45N50F Product details

General Description
This N-channel enhancement mode field-effect power transistor using THINKI Semiconductor advanced planar stripe, DMOS technology intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged avalanche characteristics. The TO-247 pkg is well suited for adaptor power unit and power inverter/amplifier application.

Features
■ High ruggedness
■ RDS(on)(Max.0.12 Ω )@VGS=10V, ID =20.0A
■ Gate Charge (Typical 101nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested




Similar Part No. - FDH45N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
500V N-Channel MOSFET, FRFET
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
500V N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDH45N50F ISC-FDH45N50F Datasheet
345Kb / 2P
N-Channel MOSFET
logo
Fairchild Semiconductor
FDH45N50F-F133 FAIRCHILD-FDH45N50F-F133 Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
500V N-Channel MOSFET, FRFET
More results


Similar Description - FDH45N50F

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FQP50N06 THINKISEMI-FQP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
CS50N06 THINKISEMI-CS50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
FKT50N06 THINKISEMI-FKT50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HX50N06 THINKISEMI-HX50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
IRFZ44N THINKISEMI-IRFZ44N Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
JCS50N06CH THINKISEMI-JCS50N06CH Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
KIA50N06 THINKISEMI-KIA50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
DACO SEMICONDUCTOR CO.,...
DAMH50N500H DACO-DAMH50N500H Datasheet
334Kb / 5P
N-Channel Enhancement Mode Power MOSFET 500V / 50A
June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com