Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZXTN4240F Datasheet (PDF) - Diodes Incorporated

ZXTN4240F Datasheet PDF - Diodes Incorporated
Part # ZXTN4240F
Download  ZXTN4240F Download
File Size   408.78 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V NPN LOW SATURATION TRANSISTOR

ZXTN4240F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN4240F Datasheet PDF - Diodes Incorporated

Part # ZXTN4240F
Download  ZXTN4240F Click to download

File Size   408.78 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V NPN LOW SATURATION TRANSISTOR

ZXTN4240F Datasheet (HTML) - Diodes Incorporated




Similar Part No. - ZXTN4240F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4000Z DIODES-ZXTN4000Z Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000ZTA DIODES-ZXTN4000ZTA Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
60V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN4001ZTA DIODES-ZXTN4001ZTA Datasheet
203Kb / 5P
60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
More results


Similar Description - ZXTN4240F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
NPN Low Saturation Transistor
logo
Diodes Incorporated
ZXTC6719MC DIODES-ZXTC6719MC Datasheet
226Kb / 9P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTPS720MC DIODES-ZXTPS720MC Datasheet
269Kb / 10P
40V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
DUAL 40V PNP LOW SATURATION TRANSISTOR
JUNE 2003
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com