Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE384 Datasheet (PDF) - NTE Electronics

NTE384 Datasheet PDF - NTE Electronics
Part # NTE384
Download  NTE384 Download
File Size   22.53 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage Power Amp/Switch

NTE384 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE384 Datasheet PDF - NTE Electronics

Part # NTE384
Download  NTE384 Click to download

File Size   22.53 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage Power Amp/Switch

NTE384 Datasheet (HTML) - NTE Electronics


NTE384 Product details

Description:

The NTE384 is a multiple epitaxial silicon NPN power transistor in a TO66 type package utilizing a multiple–emitter site structure. Multiple–epitaxial construction maximizes the volt–ampere characteristic of the device and provides fast switching speeds. Multiple–emitter design ensures uniform current flow throughout the structure, which produces a high IS/b and a large safe–operation–area.

The NTE384 is characterized for use in inverters operating directly from a rectified 110V power line. The leakage current is specified at 450V; therefore the device can also be used in a series bridge configuration on a 220V line. The VEBO rating of 9V eases requirements on the drive transformer in inverter applications.



Features:

• Maximum Safe–Area–of–Operation

• Low Saturation Voltages

• High Voltage Rating: VCER(sus) = 375V

• High Dissipation Rating: PT = 45W



 




Similar Part No. - NTE384

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE38 NTE-NTE38 Datasheet
29Kb / 3P
Silicon Complementary Transistors High Voltage, Medium Power Switch
NTE382 NTE-NTE382 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Frequency Driver
NTE383 NTE-NTE383 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Frequency Driver
NTE385 NTE-NTE385 Datasheet
25Kb / 2P
Silicon NPN Transistor Audio Power Amp, Switch
NTE386 NTE-NTE386 Datasheet
21Kb / 2P
Silicon NPN Transistor Audio Power Amp, Switch
More results


Similar Description - NTE384

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE2590 NTE-NTE2590 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2591 NTE-NTE2591 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2593 NTE-NTE2593 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE327 NTE-NTE327 Datasheet
24Kb / 2P
Silicon NPN Transistor Power Amp, Switch
NTE328 NTE-NTE328 Datasheet
25Kb / 2P
Silicon NPN Transistor Power Amp, Switch
NTE379 NTE-NTE379 Datasheet
22Kb / 3P
Silicon NPN Transistor Power Amp, High Voltage, Switch
NTE387 NTE-NTE387 Datasheet
23Kb / 2P
Silicon NPN Transistor Power Amp, Switch
NTE394 NTE-NTE394 Datasheet
19Kb / 2P
Silicon NPN Transistor Power Amp, High Voltage Switch
NTE70 NTE-NTE70 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Power Amp, Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com