| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BSZ065N06LS5
|
1Mb / 11P |
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10 |
|
IPB010N06N
|
1Mb / 11P |
OptiMOSTM Power-Transistor, 60 V
Rev.2.4,2016-01-18 |
|
IPA060N06N
|
1Mb / 10P |
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10 |
|
BSC014N06NST
|
1Mb / 13P |
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2017-03-01 |
|
BSC028N06NST
|
1Mb / 12P |
OptiMOSTM Power-Transistor, 60 V
Rev.2.1,2017-10-19 |
|
IPT012N06N
|
1,022Kb / 11P |
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2016-12-09 |
|
IPD380P06NM
|
919Kb / 10P |
OptiMOSTM Power Transistor, -60 V
Rev.2.0,2019-03-28 |
|
ISC240P06LM
|
1Mb / 11P |
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-10 |
|
ISC800P06LM
|
1Mb / 11P |
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-13 |
|
BSC028N06NSSC
|
1Mb / 11P |
OptiMOSTM Power-Transistor, 60 V
Rev. 2.1, 2022-10-06 |