Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE5671 Datasheet (PDF) - NTE Electronics

NTE5671 Datasheet PDF - NTE Electronics
Part # NTE5671
Download  NTE5671 Download
File Size   23.26 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC 800VRM, 20A TO220 (Isolated)

NTE5671 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5671 Datasheet PDF - NTE Electronics

Part # NTE5671
Download  NTE5671 Click to download

File Size   23.26 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC 800VRM, 20A TO220 (Isolated)

NTE5671 Datasheet (HTML) - NTE Electronics


NTE5671 Product details

Description:
The NTE5671 TRIAC is designed for use in applications requiring high bidirectional transient and blocking voltage capability. Typical applications include AC power control circuits such as lighting, industrial and domestic heating, motor control and switching systems..




Similar Part No. - NTE5671

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5673 NTE-NTE5673 Datasheet
19Kb / 2P
TRIAC - 15 Amp
NTE5675 NTE-NTE5675 Datasheet
19Kb / 2P
TRIAC - 15 Amp
NTE5676 NTE-NTE5676 Datasheet
19Kb / 2P
TRIAC - 15 Amp
NTE5677 NTE-NTE5677 Datasheet
19Kb / 2P
TRIAC - 15 Amp
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
More results


Similar Description - NTE5671

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5620 NTE-NTE5620 Datasheet
21Kb / 3P
TRIAC 800VRM, 8A, TO220 Full Pack
NTE5699 NTE-NTE5699 Datasheet
22Kb / 3P
TRIAC - 800VRM, 25A TO220 Full Pack
logo
SanRex Corporation
TMG16C40 SANREX-TMG16C40 Datasheet
411Kb / 2P
TRIAC(ISOLATED TYPE)
TG35F40 SANREX-TG35F40 Datasheet
99Kb / 2P
TRIAC (ISOLATED TYPE)
TG70AA60 SANREX-TG70AA60 Datasheet
113Kb / 2P
TRIAC (ISOLATED TYPE)
TMG8D80F SANREX-TMG8D80F Datasheet
476Kb / 2P
TRIAC(Through Hole / Isolated)
TMG5D60F SANREX-TMG5D60F Datasheet
475Kb / 2P
TRIAC(Through Hole / Isolated)
TMG3C80F SANREX-TMG3C80F Datasheet
470Kb / 2P
TRIAC(Through Hole/Isolated)
TMG12D80F SANREX-TMG12D80F Datasheet
470Kb / 2P
TRIAC(Through Hole/Isolated)
TMG10C40 SANREX-TMG10C40 Datasheet
330Kb / 2P
TRIAC ( ISOLATED TYPE )
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com