| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTVA104501EH
|
1Mb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19 |
|
PTVA093002TC
|
210Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16 |
|
PTVA035002EV
|
1Mb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Rev. 05.2, 2016-06-08 |
|
PTVA030121EA
|
874Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
Rev. 05.1, 2016-04-19 |
|
PTVA102001EA
|
241Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17 |
 Cree, Inc |
PTVA030121EA
|
423Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
|
|
PTVA035002EV
|
462Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
|
|
PTVA102001EA
|
451Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
|
 WOLFSPEED, INC. |
PTVA102001EA
|
540Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10 |
|
PTVA104501EH
|
540Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10 |