Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BGX7221HN Datasheet (PDF) - NXP Semiconductors

BGX7221HN Datasheet PDF - NXP Semiconductors
Part # BGX7221HN
Download  BGX7221HN Download
File Size   70.13 Kbytes
Page   1 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual receiver down mixer

BGX7221HN Datasheet (PDF)

Go To PDF Page Download Datasheet
BGX7221HN Datasheet PDF - NXP Semiconductors

Part # BGX7221HN
Download  BGX7221HN Click to download

File Size   70.13 Kbytes
Page   1 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual receiver down mixer

BGX7221HN Datasheet (HTML) - NXP Semiconductors


BGX7221HN Product details

General description
The BGX7221 device combines a pair of high performance, high linearity down-mixers for use in receivers having a common local oscillator, for instance having main and diversity paths.

Features and benefits
■ 1400 MHz to 2700 MHz frequency operating range
■ Conversion gain 8 dB in the 2 GHz band
■ 13 dBm input power at 1 dB gain compression point
■ 26 dBm input third-order intercept point
■ 10 dB typical small signal noise figure
■ Integrated active biasing
■ 5 V single supply operation
■ Independent power-down hardware control pins per mixer
■ Low bias current in Power-down mode
■ Matched 50 Ω single-ended RF and LO input impedance
■ ESD protection at all pins

Applications
■ Mobile network infrastructure
■ Microwave and broadband
■ RF and IF applications
■ Industrial applications
■ Communication systems and radars




Similar Part No. - BGX7221HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGX7221 NXP-BGX7221 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGX7221HN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
RFHIC
MO9Q RFHIC-MO9Q Datasheet
249Kb / 3P
Active Down Mixer
MD1891 RFHIC-MD1891 Datasheet
210Kb / 3P
Active Down Mixer
MD2191 RFHIC-MD2191 Datasheet
210Kb / 3P
Active Down Mixer
MD2391 RFHIC-MD2391 Datasheet
188Kb / 2P
Active Down Mixer
MD0993 RFHIC-MD0993 Datasheet
183Kb / 2P
Active Down Mixer
MD2193 RFHIC-MD2193 Datasheet
189Kb / 3P
Active Down Mixer
logo
Texas Instruments
TRF37A32 TI-TRF37A32_15 Datasheet
1Mb / 36P
TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
TRF37A32 TI1-TRF37A32 Datasheet
1Mb / 36P
Dual Down Converter Mixer With Integrated IF AMP
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com