Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB3888 Datasheet (PDF) - fujitsu semiconductor

MB3888 Datasheet PDF - fujitsu semiconductor
Part # MB3888
Download  MB3888 Download
File Size   421.66 Kbytes
Page   30 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description DC/DC Converter IC for Charging Li-ion Battery

MB3888 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3888 Datasheet PDF - fujitsu semiconductor

Part # MB3888
Download  MB3888 Click to download

File Size   421.66 Kbytes
Page   30 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description DC/DC Converter IC for Charging Li-ion Battery

MB3888 Datasheet (HTML) - fujitsu semiconductor


MB3888 Product details

DESCRIPTION
The MB3888 is a DC/DC converter IC suitable for down-conversion, using pulse-width (PWM) charging and enabling output voltage to be set to any desired level from one cell to four cells.
The MB3888 provides a broad power supply voltage range and low standby current as well as high efficiency, making it ideal for use as a built-in charging device in products such as notebook PC.
This product is covered by US Patent Number 6,147,477.

FEATURES
• Output voltage setting using external resistor : 1 cell to 4 cells
• High efficiency : 96% (VIN = 19 V, Vo = 16.8 V)
• Wide range of operating supply voltages : 8 V to 25 V
• Output voltage setting accuracy : 5 V ± 0.74% (Ta = −10 °C to 85 °C)
• Charging current accuracy : ±5%
• Built-in frequency setting capacitor enables frequency setting using external resistor only
• Oscillation frequency range : 100 kHz to 500 kHz
• Built-in current detection amplifier with wide in-phase input voltage range : 0 V to VCC
• In standby mode, leave output voltage setting resistor open to prevent inefficient current loss
• Built-in standby current function : 0 µA (standard)
• Built-in soft-start function independent of loads
• Built-in totem-pole output stage supporting P-channel MOS FETs devices




Similar Part No. - MB3888

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
2-channel DC/DC Converter IC with Synchronous Rectifier
MB3882PFV FUJITSU-MB3882PFV Datasheet
254Kb / 30P
2-channel DC/DC Converter IC with Synchronous Rectifier
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results


Similar Description - MB3888

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
DC/DC Converter IC for Charging Li-ion Battery
logo
fujitsu semiconductor
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
DC/DC Converter IC for Charging Li-ion battery
MB39A119 FUJITSU-MB39A119 Datasheet
598Kb / 53P
DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
DC/DC Converter IC for Charging Li-ion Battery
MB3879 FUJITSU-MB3879 Datasheet
544Kb / 54P
DC/DC Converter IC for Parallel Charging of 3/4 cell Li-ion & NiMH Batteries
MB39A107 FUJITSU-MB39A107 Datasheet
532Kb / 45P
DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier
MB39A119 FUJITSU-MB39A119_08 Datasheet
1Mb / 52P
DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A132QN-G-ERE1 FUJITSU-MB39A132QN-G-ERE1 Datasheet
526Kb / 56P
ASSP For Power Management Applications (Rechargeable Battery) Synchronous Rectification DC/DC Converter IC for Charging Li-ion Battery
logo
Cypress Semiconductor
MB39A134 CYPRESS-MB39A134 Datasheet
1Mb / 44P
DC/DC Converter ICfor Charging Li-ion Battery
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com