Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM6M13AT-C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM6M13AT-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM6M13AT-C
Download  SM6M13AT-C Download
File Size   516.2 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 4600W Transient Voltage Suppressors Family

SM6M13AT-C Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6M13AT-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM6M13AT-C
Download  SM6M13AT-C Click to download

File Size   516.2 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 4600W Transient Voltage Suppressors Family

SM6M13AT-C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM6M13AT-C

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
45Kb / 1P
Ceramic Surface Mount Crystal
logo
Bourns Electronic Solut...
SM6 BOURNS-SM6 Datasheet
570Kb / 3P
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
REV. 09/25
logo
PowerVolt Inc.
SM6-24 POWERVOLT-SM6-24 Datasheet
125Kb / 2P
Slot Machine Transformers
SM6-24-RTC POWERVOLT-SM6-24-RTC Datasheet
125Kb / 2P
Slot Machine Transformers
More results


Similar Description - SM6M13AT-C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSM5W YEASHIN-YSM5W Datasheet
283Kb / 5P
Transient Voltage Suppressors family
YSM6W YEASHIN-YSM6W Datasheet
285Kb / 5P
Transient Voltage Suppressors family
YSM8W YEASHIN-YSM8W Datasheet
285Kb / 5P
Transient Voltage Suppressors family
logo
SeCoS Halbleitertechnol...
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
3600W Transient Voltage Suppressors Family
SM8MXXT-C SECOS-SM8MXXT-C Datasheet
524Kb / 3P
6600W Transient Voltage Suppressors Family
logo
Shanghai Leiditech Elec...
SM6S LEIDITECH-SM6S Datasheet
1Mb / 6P
4600W Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
SM6S10A HUAXINAN-SM6S10A Datasheet
364Kb / 4P
4600W Transient Voltage Suppressors
logo
Diodes Incorporated
DM6W10AQ DIODES-DM6W10AQ Datasheet
861Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
DM6W27Q DIODES-DM6W27Q Datasheet
552Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 4 - 2
logo
UN Semiconducctor INC
SMCJS UNSEMI-SMCJS Datasheet
3Mb / 6P
Surface Mount Transient Voltage Suppressors 15 To 43V 4600W
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com