Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY62146CV30 Datasheet (PDF) - Cypress Semiconductor

CY62146CV30 Datasheet PDF - Cypress Semiconductor
Part # CY62146CV30
Download  CY62146CV30 Download
File Size   363.48 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 16 Static RAM

CY62146CV30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY62146CV30 Datasheet PDF - Cypress Semiconductor

Part # CY62146CV30
Download  CY62146CV30 Click to download

File Size   363.48 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 16 Static RAM

CY62146CV30 Datasheet (HTML) - Cypress Semiconductor


CY62146CV30 Product details

Functional Description
The CY62146CV30 is a high-performance CMOS static RAM organized as 256K words by 16 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery Life™ (MoBL™) in portable applications such as cellular telephones. The device also has an automatic power-down feature that significantly reduces power consumption by 80% when addresses are not toggling.

Features
• High speed:
   — 55 ns and 70 ns availability
• Voltage range:
   — CY62146CV30: 2.7V – 3.3V
• Pin compatible with CY62146V
• Ultra-low active power
   — Typical active current: 1.5 mA @ f = 1 MHz
   — Typical active current: 7 mA @ f = fmax (70 ns speed)
• Low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power




Similar Part No. - CY62146CV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
More results


Similar Description - CY62146CV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
256K x 16 Static RAM
October 4, 1999
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
256K x 16 Static RAM
Revised October 18, 2002
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
256K x 16 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com