Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WNM2072 Datasheet (PDF) - Will Semiconductor Ltd.

WNM2072 Datasheet PDF - Will Semiconductor Ltd.
Part # WNM2072
Download  WNM2072 Download
File Size   1941.64 Kbytes
Page   7 Pages
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.
Description Single N-Channel, 20V, 0.71A, Power MOSFET

WNM2072 Datasheet (PDF)

Go To PDF Page Download Datasheet
WNM2072 Datasheet PDF - Will Semiconductor Ltd.

Part # WNM2072
Download  WNM2072 Click to download

File Size   1941.64 Kbytes
Page   7 Pages
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.
Description Single N-Channel, 20V, 0.71A, Power MOSFET

WNM2072 Datasheet (HTML) - Will Semiconductor Ltd.




Similar Part No. - WNM2072

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM2077 WILLSEMI-WNM2077 Datasheet
957Kb / 6P
Single N-Channel, 20V, 0.54A, Power MOSFET
WNM2077-3/TR WILLSEMI-WNM2077-3/TR Datasheet
957Kb / 6P
Single N-Channel, 20V, 0.54A, Power MOSFET
More results


Similar Description - WNM2072

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2302 UNIONSEMI-UM2302 Datasheet
288Kb / 7P
20V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM210N02CX TSC-TSM210N02CX Datasheet
447Kb / 5P
20V N-Channel Power MOSFET
TSM250N02CX TSC-TSM250N02CX Datasheet
443Kb / 5P
20V N-Channel Power MOSFET
logo
Union Semiconductor, In...
UM2302 UNIONSEMI-UM2302_14 Datasheet
202Kb / 7P
20V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNM2024 WILLSEMI-WNM2024 Datasheet
914Kb / 6P
Single N-Channel, 20V, 3.9A, Power MOSFET
WNM2030 WILLSEMI-WNM2030 Datasheet
565Kb / 6P
Single N-Channel, 20V, 0.95A, Power MOSFET
WNM2046 WILLSEMI-WNM2046 Datasheet
1Mb / 8P
Single N-Channel, 20V, 0.71A, Power MOSFET
WNM2046C WILLSEMI-WNM2046C Datasheet
1Mb / 7P
Single N-Channel, 20V, 0.6A, Power MOSFET
WNM2077 WILLSEMI-WNM2077 Datasheet
957Kb / 6P
Single N-Channel, 20V, 0.54A, Power MOSFET
WNM2096 WILLSEMI-WNM2096 Datasheet
757Kb / 8P
Single N-Channel, 20V, 0.8A, Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com