Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GN3268 Datasheet (PDF) - Semtech Corporation

GN3268 Datasheet PDF - Semtech Corporation
Part # GN3268
Download  GN3268 Download
File Size   123.7 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 11.3Gb/s low power ROSA for 40km Applications

GN3268 Datasheet (PDF)

Go To PDF Page Download Datasheet
GN3268 Datasheet PDF - Semtech Corporation

Part # GN3268
Download  GN3268 Click to download

File Size   123.7 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 11.3Gb/s low power ROSA for 40km Applications

GN3268 Datasheet (HTML) - Semtech Corporation




Similar Part No. - GN3268

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GN325ALR SENSATA-GN325ALR Datasheet
320Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/18/24
logo
Crydom Inc.,
GN325ALZ CRYDOM-GN325ALZ Datasheet
587Kb / 6P
GN3 Series
logo
Sensata Technologies, I...
GN325ALZ SENSATA-GN325ALZ Datasheet
320Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/18/24
GN325ASR SENSATA-GN325ASR Datasheet
320Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/18/24
GN325ASZ SENSATA-GN325ASZ Datasheet
320Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/18/24
More results


Similar Description - GN3268

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR4510UR CEL-NR4510UR Datasheet
284Kb / 4P
NECs 050 um InGaAs APD ROSA WITH INTERNAL PRE-AMPLIFIER FOR 2.5 GB/S APPLICATIONS
NR3510UR CEL-NR3510UR Datasheet
126Kb / 3P
횠50 關m InGaAs PIN-PD ROSA WITH INTERNAL PRE-AMPLIFIER FOR 2.5 GB/s APPLICATIONS
logo
Bookham, Inc.
IGF-17511J BOOKHAM-IGF-17511J Datasheet
644Kb / 11P
XFP Optical Transceivers for 40km 10G Datacom & Storage Applications
IGF-32511J BOOKHAM-IGF-32511J Datasheet
854Kb / 11P
XFP Optical Transceivers for 40km 10G Serial Applications
logo
Source Photonics, Inc.
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
4.25Gb/s 40km SFP Transceiver
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
Designed for low power applications
CX6SM EUROQUARTZ-CX6SM Datasheet
149Kb / 2P
Designed for low power applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCP-R4X25PL AVAGO-AFCP-R4X25PL Datasheet
107Kb / 1P
4X25Gb/s ROSA for 100 Gigabit Ethernet
RPIC-10410-A1 AVAGO-RPIC-10410-A1 Datasheet
155Kb / 1P
LR4 ROSA 4X10Gb/s, 1310nm CWDM
logo
Semtech Corporation
GN3068 SEMTECH-GN3068 Datasheet
138Kb / 2P
11.3Gb/s low power ROSA for 10km Applications
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com