| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAXM17532
|
1,005Kb / 17P |
4V to 42V, 100mA, Himalaya uSLIC Step-Down Power Module
Rev 5; 5/18 |
|
MAXM15462
|
865Kb / 19P |
4.5V to 42V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 2; 3/18 |
|
MAXM15465
|
1Mb / 26P |
4.5V to 42V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 0; 12/18 |
|
MAXM17901
|
895Kb / 21P |
4.5V to 24V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 1; 11/18 |
|
MAXM15065
|
1Mb / 26P |
4.5V to 60V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 0; 3/19 |
|
MAXM17904
|
1Mb / 26P |
4.5V to 24V, 300mA Himalaya uSLIC Step-Down Power Module
Rev 0; 3/19 |
|
MAXM17630
|
1Mb / 32P |
4.5V to 36V, 1A Himalaya uSLIC Step-Down Power Module
Rev 1; 10/19 |
|
MAXM17625
|
2Mb / 19P |
2.7V to 5.5V, 600mA Himalaya uSLIC Step-Down Power Modules
Rev 0; 1/21 |
|
MAXM17633
|
1Mb / 29P |
4.5V to 36V, 2A Himalaya uSLIC Step-Down Power Modules
19-100594; Rev 0; 7/19 |
 Analog Devices |
MAXM17572
|
1Mb / 28P |
4.5V to 60V, 1A Himalaya uSLIC Step-Down Power Module
Rev 0; 9/21 |