Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

06065A Datasheet (PDF) - KIA Semiconductor Technology

06065A Datasheet PDF - KIA Semiconductor Technology
Part # 06065A
Download  06065A Download
File Size   64.51 Kbytes
Page   3 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 6A竊?50V Silicon Carbide Diode

06065A Datasheet (PDF)

Go To PDF Page Download Datasheet
06065A Datasheet PDF - KIA Semiconductor Technology

Part # 06065A
Download  06065A Click to download

File Size   64.51 Kbytes
Page   3 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 6A竊?50V Silicon Carbide Diode

06065A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 06065A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
0606 LSTD-0606 Datasheet
570Kb / 2P
Precise temperature control
logo
Visual Communications C...
0606 VCC-0606 Datasheet
636Kb / 10P
SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
logo
ASSUN MOTOR Pte Ltd.
0606 ASSUN-0606 Datasheet
210Kb / 1P
METAL BRUSH
2023
0606 ASSUN-0606 Datasheet
136Kb / 1P
METAL BRUSH
2020
0606 ASSUN-0606 Datasheet
195Kb / 1P
METAL BRUSH
2023-A
More results


Similar Description - 06065A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
KIA Semiconductor Techn...
08065A KIA-08065A Datasheet
66Kb / 3P
8A竊?50V Silicon Carbide Diode
10065A KIA-10065A Datasheet
64Kb / 3P
10A竊?50V Silicon Carbide Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rectron Semiconductor
SC3S06506A RECTRON-SC3S06506A Datasheet
337Kb / 5P
650V/6A Silicon Carbide Power Schottky Barrier Diode
SC3S06506F RECTRON-SC3S06506F Datasheet
1Mb / 5P
650V/6A Silicon Carbide Schottky Diode
2021 -04 /110 REV:O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com